Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR31700 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PR31700
Description  32-bit RISC microprocessor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31700 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PR31700 Datasheet HTML 4Page - NXP Semiconductors PR31700 Datasheet HTML 5Page - NXP Semiconductors PR31700 Datasheet HTML 6Page - NXP Semiconductors PR31700 Datasheet HTML 7Page - NXP Semiconductors PR31700 Datasheet HTML 8Page - NXP Semiconductors PR31700 Datasheet HTML 9Page - NXP Semiconductors PR31700 Datasheet HTML 10Page - NXP Semiconductors PR31700 Datasheet HTML 11Page - NXP Semiconductors PR31700 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Philips Semiconductors
Preliminary specification
PR31700
32-bit RISC microprocessor
1998 May 13
8
PIN FUNCTIONS
NAME
I/O
FUNCTIONS
Memory Pins
D(31:0)
I/O
These pins are the data bus for the system. 8-bit SDRAMs should be connected to bits 7:0 and 16-bit
SDRAMs and DRAMs should be connected to bits 15:0. All other 16-bit ports should be connected to bits
31:16. Of course, 32-bit ports should be connected to bits 31:0. These pins are normally outputs and only
become inputs during reads, thus no resistors are required since the bus will only float for a short period of
time during bus turn-around.
A(12:0)
O
These pins are the address bus for the system. The address lines are multiplexed and can be connected
directly to SDRAM and DRAM devices. To generate the full 26-bit address for static devices, an external
latch must be used to latch the signals using the ALE signal. For static devices, address bits 25:13 are
provided by the external latch and address bits 12:0 (directly connected from PR31700’s address bus) are
held afterward by PR31700 processor for the remainder of the address bus cycle.
ALE
O
This pin is used as the address latch enable to latch A(12:0) using an external latch, for generating the
upper address bits 25:13.
RD*
O
This pin is used as the read signal for static devices. This signal is asserted for reads from /MCS3*-0*,
/CS3*-0*, /CARD2CS* and /CARD1CS* for memory and attribute space, and for reads from PR31700
processor accesses if SHOWPOSEIDON is enabled (for debugging purposes).
WE*
O
This pin is used as the write signal for the system. This signal is asserted for writes to /MCS3*-0*, /CS3*-0*,
/CARD2CS* and /CARD1CS* for memory and attribute space, and for writes to DRAM and SDRAM.
CAS0* (/WE0)*
O
This pin is used as the CAS signal for SDRAMs, the CAS signal for D(7:0) for DRAMs, and the write enable
signal for D(7:0) for static devices.
CAS* (/WE1)*
O
This pin is used as the CAS signal for D(15:8) for DRAMs and the write enable signal for D(15:8) for static
devices.
CAS2* (/WE2)*
O
This pin is used as the CAS signal for D(23:16) for DRAMs and the write enable signal for D(23:16) for
static devices.
CAS3* (/WE3)*
O
This pin is used as the CAS signal for D(31:24) for DRAMs and the write enable signal for D(31:24) for
static devices.
RAS0*
O
This pin is used as the RAS signal for SDRAMs and the RAS signal for Bank0 DRAMs.
RAS1* (/DCS1)*
O
This pin is used as the chip select signal for Bank1 SDRAMs and the RAS signal for Bank1 DRAMs.
DCS0*
O
This pin is used as the chip select signal for Bank0 SDRAMs.
DCKE
O
This pin is used as the clock enable for SDRAMs.
DCLKIN
I
This pin must be tied externally to the DCLKOUT signal and is used to match skew for the data input when
reading from SDRAM and DRAM devices.
DCLKOUT
O
This pin is the (nominal) 73.728 MHz clock for the SDRAMs.
DQMH
O
This pin is the upper data mask for a 16-bit SDRAM configuration.
DQML
O
This pin is the lower data mask for a 16-bit SDRAM or 8-bit SDRAM configuration.
CS3–0*
O
These pins are the Chip Select 3 through 0 signals. They can be configured to support either 32-bit or 16-bit
ports.
MCS3–0*
O
These pins are the Memory Card Chip Select 3 through 0 signals. They only support 16-bit ports.
CARD2CSH*,L*
O
These pins are the Chip Select signals for PCMCIA card slot 2.
/CARD1CSH*,L*
O
These pins are the Chip Select signals for PCMCIA card slot 1.
CARDREG*
O
This pin is the /REG* signal for the PCMCIA cards.
CARDIORD*
O
This pin is the /IORD* signal for the PCMCIA IO cards.
CARDIOWR*
O
This pin is the /IOWR* signal for the PCMCIA IO cards.
CARDDIR*
O
This pin is used to provide the direction control for bi-directional data buffers used for the PCMCIA slot(s).
This signal will assert whenever /CARD2CSH* or /CARD2CSL* or /CARD1CSH* or /CARD1CSL* is
asserted and a read transaction is taking place.
CARD2WAIT*
I
This pin is the card wait signal from PCMCIA card slot 2.
CARD1WAIT*
I
This pin is the card wait signal from PCMCIA card slot 1.
*Active-low signal


Similar Part No. - PR31700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31100ABC PHILIPS-PR31100ABC Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31500 PHILIPS-PR31500 Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
PR31500ABC PHILIPS-PR31500ABC Datasheet
277Kb / 24P
   Poseidon embedded processor
1996 Sep 24
logo
Sharp Corporation
PR31HD22NSZ SHARP-PR31HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results

Similar Description - PR31700

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com