Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA828TF-T1 Datasheet(PDF) 4 Page - NEC

Part # UPA828TF-T1
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA828TF-T1 Datasheet(HTML) 4 Page - NEC

  UPA828TF-T1 Datasheet HTML 1Page - NEC UPA828TF-T1 Datasheet HTML 2Page - NEC UPA828TF-T1 Datasheet HTML 3Page - NEC UPA828TF-T1 Datasheet HTML 4Page - NEC UPA828TF-T1 Datasheet HTML 5Page - NEC UPA828TF-T1 Datasheet HTML 6Page - NEC UPA828TF-T1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
UPA828TF
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VCE = 2 V, IC = 1 mA, ZO = 50
0.10
0.98
-6.87
2.42
171.77
0.02
84.43
0.99
-4.42
0.20
0.96
-13.71
2.40
164.17
0.04
79.61
0.99
-8.84
0.30
0.95
-20.79
2.42
157.17
0.07
74.54
0.97
-12.97
0.40
0.92
-27.69
2.39
150.27
0.09
69.50
0.95
-17.23
0.50
0.90
-34.82
2.39
143.98
0.10
65.17
0.92
-21.05
0.60
0.87
-42.10
2.36
138.23
0.12
60.29
0.90
-25.13
0.70
0.83
-49.35
2.34
132.19
0.14
56.25
0.87
-28.47
0.80
0.80
-56.87
2.32
126.78
0.15
52.12
0.84
-32.22
0.90
0.76
-64.78
2.32
120.75
0.16
48.48
0.81
-34.98
1.00
0.72
-72.15
2.26
115.35
0.17
45.16
0.77
-38.02
1.20
0.64
-88.71
2.22
104.80
0.18
38.79
0.72
-43.16
1.50
0.53
-115.63
2.10
89.64
0.20
31.12
0.63
-49.93
1.70
0.47
-133.52
1.99
80.39
0.20
27.37
0.59
-53.75
2.00
0.43
-161.16
1.81
68.21
0.20
23.31
0.53
-59.13
2.50
0.43
158.63
1.57
50.02
0.20
20.11
0.46
-67.98
3.00
0.48
131.49
1.35
35.61
0.20
20.44
0.41
-79.07
Q1
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 2 V, IC = 1 mA, ZO = 50
0.10
0.98
-6.74
2.44
171.33
0.02
84.61
0.99
-4.39
0.20
0.96
-13.51
2.41
163.49
0.04
79.80
0.98
-8.74
0.30
0.94
-20.37
2.43
156.32
0.06
74.82
0.96
-12.93
0.40
0.92
-27.07
2.39
149.41
0.08
69.31
0.94
-17.05
0.50
0.89
-33.96
2.39
143.02
0.10
65.85
0.91
-20.67
0.60
0.86
-40.84
2.37
137.27
0.12
61.45
0.88
-24.51
0.70
0.83
-47.75
2.34
131.22
0.13
57.88
0.85
-27.55
0.80
0.80
-54.58
2.32
125.82
0.14
54.28
0.81
-30.99
0.90
0.76
-61.78
2.31
119.93
0.15
51.24
0.78
-33.61
1.00
0.72
-68.15
2.25
114.65
0.16
48.38
0.74
-36.17
1.20
0.64
-82.34
2.20
104.41
0.18
43.56
0.68
-40.86
1.50
0.54
-103.94
2.09
90.06
0.19
38.22
0.60
-47.35
1.70
0.48
-117.50
1.98
81.41
0.20
35.84
0.54
-51.11
2.00
0.43
-138.81
1.84
69.85
0.21
33.47
0.48
-57.05
2.50
0.39
-171.15
1.64
52.42
0.22
32.53
0.38
-68.86
3.00
0.41
163.33
1.45
37.62
0.24
33.20
0.30
-86.04
Q2


Similar Part No. - UPA828TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA828TF-T1 NEC-UPA828TF-T1 Datasheet
92Kb / 20P
   HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
More results

Similar Description - UPA828TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com