Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8567SA449-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8567SA449-CC
Description  EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8567SA449-CC Datasheet(HTML) 1 Page - California Eastern Labs

  NX8567SA449-CC Datasheet HTML 1Page - California Eastern Labs NX8567SA449-CC Datasheet HTML 2Page - California Eastern Labs NX8567SA449-CC Datasheet HTML 3Page - California Eastern Labs NX8567SA449-CC Datasheet HTML 4Page - California Eastern Labs NX8567SA449-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NEC'S EA MODULATOR AND
WAVELENGTH MONITOR INTEGRATED
InGaAsP MQW DFB LASER DIODE
MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240,
360, 600 km DWDM APPLICATIONS
NX8567SA
Series
NEC's NX8567SA Series is an Electro-Absorption (EA) modu-
lator and wavelength monitor integrated, 1 550 nm Multiple
Quantum Well (MQW) structured Distributed Feed-Back (DFB)
laser diode module. The module is capable of 2.5 Gb/s ap-
plications of over 240 km, 360 km, 600 km ultralong-reach and
available for Dense Wavelength Division Multiplexing (DWDM)
wavelengths based on ITU-T recommendations, enabling a
wide range of applications
DESCRIPTION
• INTEGRATED ELECTROABSORPTION MODULATOR
• WAVELENGTH MONITOR FUNCTION
(Etalon Þlter, Wavelength monitor PD)
• VERY LOW DISPERSION PENALTY
NX8567SAS Series - over 240 km (4320 ps/nm)
NX8567SAM Series - over 360 km (6480 ps/nm)
NX8567SA Series - over 600 km (10800 ps/nm)
• LOW MODULATION VOLTAGE
• AVAILABLE FOR DWDM WAVELENGHT BASED ON
ITU-T RECOMMENDATION (50 GHz grid, refer to
ordering information)
FEATURES
California Eastern Laboratories
PART NUMBER
NX8567SA SERIES
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
TSET
Laser Set Temperature1
°C
20
35
IOP
Operating Current
mA
50
60
80
Vcenter
Modulation Center Voltage2
V
-2.0
-0.5
Vmod
Modulation Voltage2
V–
2
3
VFLD
Forward Voltage of LD, IFLD = IOP
V–
2.0
ITH
Threshold Current
mA
7
20
Pf
Optical Output Power from Fiber,
IFLD = IOP, Under modulation2
(NX8567SAM/SA Series)
dBm
-5
-2
IFLD = IOP, Under modulation2
(NX8567SAS Series)
0+1
λP
Peak Emission Wavelength, IFLD = IOP, VEA = 0 V
nm
1528
ITU-T3
1564
SMSR
Side Mode Suppression Ratio, IFLD = IOP, VEA = 0 V
dB
30
40
ER
Extinction Ratio, IFLD = IOP, Under modulation2
dB
10
11
tf
Rise Time, IFLD = IOP, 20-80%, Under modulation2
ps
125
tr
Rise Time, IFLD = IOP, 80-20%, Under modulation2
ps
125
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, T
C = -5 to +70°C, unless otherwise speciÞed)
Notes:
1. Tset is a certain point between 20 and 35C for ITU-T grid wavelength
2. 2.48832 Gb/s, PRBS 223 -1, VEA = Vcenter ±1/2 Vmod, IFLD = Iop, TLD = Tset, NEC Test System
Vcenter
: a certain point between -2.0 and -0.5 V
Vmod
: a certain point 3 V or below
Iop
: a certain point between 50 and 80 mA
3. Available for DWDM wavelenght based on ITU-T recommendation (100 GHz grid). Please refer to ORDERING INFORMATION.
4. BER = 10-10, NX8567SAS: 240 km (4320 ps/nm)
BER = 10-10, NX8567SAM: 360 km (6480 ps/nm)
BER = 10-10, NX8567SA: 600 km (10800 ps/nm)


Similar Part No. - NX8567SA449-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8567SA449-CC RENESAS-NX8567SA449-CC Datasheet
267Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8567SA449-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com