Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA834TF Datasheet(PDF) 6 Page - NEC

Part # UPA834TF
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA834TF Datasheet(HTML) 6 Page - NEC

Back Button UPA834TF Datasheet HTML 2Page - NEC UPA834TF Datasheet HTML 3Page - NEC UPA834TF Datasheet HTML 4Page - NEC UPA834TF Datasheet HTML 5Page - NEC UPA834TF Datasheet HTML 6Page - NEC UPA834TF Datasheet HTML 7Page - NEC UPA834TF Datasheet HTML 8Page - NEC UPA834TF Datasheet HTML 9Page - NEC UPA834TF Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UPA834TF
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 3 V, IC = 1 mA, Z0 = 50
0.10
0.98
-10.78
2.41
169.01
0.03
82.67
0.99
-5.20
0.20
0.96
-21.46
2.38
159.18
0.05
75.20
0.98
-10.20
0.30
0.93
-32.33
2.38
150.24
0.07
68.08
0.95
-14.68
0.40
0.90
-43.06
2.31
141.69
0.09
61.29
0.92
-19.11
0.50
0.86
-53.99
2.29
133.94
0.11
55.59
0.89
-22.74
0.60
0.83
-65.11
2.25
126.69
0.12
49.63
0.85
-26.47
0.70
0.79
-75.84
2.20
119.35
0.14
44.96
0.82
-29.32
0.80
0.75
-86.87
2.15
112.56
0.14
40.36
0.78
-32.30
0.90
0.71
-98.16
2.12
105.57
0.15
36.37
0.75
-34.43
1.00
0.67
-108.55
2.03
99.27
0.15
33.12
0.72
-36.33
1.20
0.61
-129.95
1.91
87.38
0.16
27.62
0.67
-39.93
1.50
0.56
-159.25
1.70
71.93
0.16
22.71
0.62
-44.84
1.70
0.55
-176.04
1.56
63.04
0.15
21.49
0.59
-47.97
2.00
0.56
162.45
1.38
51.49
0.14
22.61
0.56
-53.25
2.50
0.60
135.44
1.15
35.10
0.14
31.12
0.53
-64.21
3.00
0.65
116.76
0.96
22.15
0.16
40.55
0.51
-79.12
TYPICAL SCATTERING PARAMETERS
Q1
Q2
0.10
0.97
-20.79
2.52
162.21
0.04
76.22
0.98
-8.81
0.20
0.93
-40.50
2.43
147.42
0.08
63.75
0.93
-16.39
0.30
0.89
-59.73
2.35
134.45
0.11
53.38
0.87
-22.34
0.40
0.84
-76.87
2.20
123.37
0.13
44.64
0.81
-27.24
0.50
0.80
-93.28
2.11
113.14
0.14
38.01
0.76
-30.90
0.60
0.76
-107.72
1.99
104.15
0.15
32.06
0.71
-34.29
0.70
0.74
-120.25
1.85
96.02
0.16
27.52
0.68
-36.96
0.80
0.71
-131.32
1.74
88.78
0.15
24.29
0.65
-39.46
0.90
0.69
-141.35
1.64
82.34
0.15
21.95
0.62
-41.97
1.00
0.68
-150.05
1.53
76.48
0.15
20.46
0.60
-44.52
1.20
0.67
-165.04
1.36
66.07
0.14
19.44
0.57
-50.06
1.50
0.67
176.90
1.17
52.95
0.13
24.64
0.53
-59.83
1.70
0.68
166.97
1.06
45.23
0.13
32.01
0.51
-68.26
2.00
0.69
154.69
0.94
35.40
0.14
44.56
0.48
-82.95
2.50
0.72
137.73
0.79
21.71
0.21
55.71
0.45
-114.70
3.00
0.75
124.46
0.68
11.96
0.30
51.65
0.46
-152.23
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 3 V, IC = 1 mA, Z0 = 50


Similar Part No. - UPA834TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA834TF NEC-UPA834TF Datasheet
68Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
logo
Renesas Technology Corp
UPA834TF RENESAS-UPA834TF Datasheet
212Kb / 14P
   Silicon Transistor
1997
logo
NEC
UPA834TF-T1 NEC-UPA834TF-T1 Datasheet
68Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
More results

Similar Description - UPA834TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com