Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA862TD Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPA862TD
Description  NPN SILICON RF TWIN TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA862TD Datasheet(HTML) 3 Page - California Eastern Labs

  UPA862TD Datasheet HTML 1Page - California Eastern Labs UPA862TD Datasheet HTML 2Page - California Eastern Labs UPA862TD Datasheet HTML 3Page - California Eastern Labs UPA862TD Datasheet HTML 4Page - California Eastern Labs UPA862TD Datasheet HTML 5Page - California Eastern Labs UPA862TD Datasheet HTML 6Page - California Eastern Labs UPA862TD Datasheet HTML 7Page - California Eastern Labs UPA862TD Datasheet HTML 8Page - California Eastern Labs UPA862TD Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Q1
Q2
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
VCE = 1 V
100
10
1
0.1
0.01
0.001
0.0001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE = 1 V
100
10
1
0.1
0.01
0.001
0.0001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Base to Emitter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 2 V
100
10
1
0.1
0.01
0.001
0.0001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE = 2 V
100
10
1
0.1
0.01
0.001
0.0001
0.4
0.5
0.6
0.7
0.8
0.9
1.0
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
300 µa
270 µa
240 µa
IB = 30 µa
60 µa
90 µa
120 µa
150 µa
180 µa
240 µa
40
30
20
10
0
12345678
400 µa
360 µa
320 µa
IB = 40 µa
80 µa
120 µa
160 µa
200 µa
240 µa
280 µa
40
30
20
10
0
1234567
8
50
60
UPA862TD


Similar Part No. - UPA862TD

ManufacturerPart #DatasheetDescription
logo
NEC
UPA862TD NEC-UPA862TD Datasheet
135Kb / 11P
   NECs NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA862TD RENESAS-UPA862TD Datasheet
254Kb / 20P
   NPN Silicon RF Twin Transistor with 2 Different Elements
UPA862TD-A RENESAS-UPA862TD-A Datasheet
254Kb / 20P
   NPN Silicon RF Twin Transistor with 2 Different Elements
logo
NEC
UPA862TD-T3 NEC-UPA862TD-T3 Datasheet
135Kb / 11P
   NECs NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA862TD-T3 RENESAS-UPA862TD-T3 Datasheet
254Kb / 20P
   NPN Silicon RF Twin Transistor with 2 Different Elements
More results

Similar Description - UPA862TD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
   NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
   NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
   NPN Silicon RF TWIN Transistor
2005-10-11
logo
Renesas Technology Corp
UPA873TD RENESAS-UPA873TD Datasheet
328Kb / 19P
   NPN SILICON RF TWIN TRANSISTOR
2002
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
   NPN SILICON RF TWIN TRANSISTOR
1999
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
   NPN SILICON RF TWIN TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com