Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA862TD-T3-A Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPA862TD-T3-A
Description  NPN SILICON RF TWIN TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA862TD-T3-A Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPA862TD-T3-A Datasheet HTML 4Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 5Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 6Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 7Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 8Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 9Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 10Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 11Page - California Eastern Labs UPA862TD-T3-A Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UPA862TD NONLINEAR MODEL
UPA862TD
MODEL RANGE
Frequency:
0.1 to 3.0 GHz
Bias:
VCE =0.5 V to 2.5 V, IC = 1 mA to 20 mA
Date:
08/03
(1) Gummel-Poon Model
(2) AF and KF are 1/f noise parameters and are bias dependant.
The appropriate values for the 1/f noise parameters (AF and KF)
shall be chosen from the table below, according to the desired
current range.
Parameters
Q1
Q2
Parameters
Q1
Q2
NE685
NE851
NE685
NE851
IS
7.0e-16
137e-18
MJC
0.34
0.14
BF
109
166
XCJC
0.5
0.5
NF
1
0.9871
CJS
0
0
VAF
15
20.4
VJS
0.75
0.75
IKF
0.19
50
MJS
0
0
ISE
7.90e-13
80.4e-15
FC
0.1
0.55
NE
2.19
2.4
TF
2.0e-12
18e-12
BR
1
28.7
XTF
6
0.1
NR
1.08
0.9889
VTF
3
2
VAR
12.4
2.7
ITF
0.005
0.03
IKR
infinity
0.021
PTF
0
0
ISC
0
532e-18
TR
1.0e-9
1.0e-9
NC
2
1.28
EG
1.11
1.11
RE
1.3
0.45
XTB
0
0
RB
5
4
XTI
3
3
RBM
3
1
KF (2)
0
0
IRB
0.005
0
AF (2)
1
1
RC
10
1.7
CJE
0.4e-12
2.4e-12
VJE
0.81
0.87
MJE
0.5
0.34
CJC
0.18e-12
0.65e-12
VJC
0.75
0.52
BJT NONLINEAR MODEL PARAMETERS(1)
IC = 5 mA
IC =10 mA
IC = 15 mA
KF
54.38e-12
997.6e-12
500.2e-12
AF
2.071
2.375
2.288
IC = 5 mA
IC =10 mA
IC = 15 mA
KF
4.547e-15
855e-12
1.73e-9
AF
1.4
2.551
2.626
For a better understanding on AF and KF parameters, please refer to AN1026.


Similar Part No. - UPA862TD-T3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA862TD-T3-A RENESAS-UPA862TD-T3-A Datasheet
254Kb / 20P
   NPN Silicon RF Twin Transistor with 2 Different Elements
More results

Similar Description - UPA862TD-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
   NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
   NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
   NPN Silicon RF TWIN Transistor
2005-10-11
logo
Renesas Technology Corp
UPA873TD RENESAS-UPA873TD Datasheet
328Kb / 19P
   NPN SILICON RF TWIN TRANSISTOR
2002
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
   NPN SILICON RF TWIN TRANSISTOR
1999
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
   NPN SILICON RF TWIN TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com