Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA895TD-T3-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # UPA895TD-T3-A
Description  NPN SILICON RF TWIN TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA895TD-T3-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button UPA895TD-T3-A Datasheet HTML 2Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 3Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 4Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 5Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 6Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 7Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 8Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 9Page - California Eastern Labs UPA895TD-T3-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UPA895TD
TYPICAL SCATTERING PARAMETERS
UPA895TD Q2
VCE = 1 V, IC = 5 mA
Frequency
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.100
0.833
-39.7
13.156
153.7
0.032
69.1
0.910
-19.4
0.116
26.12
0.200
0.774
-73.7
11.160
134.8
0.053
53.3
0.767
-33.0
0.188
23.20
0.300
0.716
-98.2
9.150
120.9
0.065
44.0
0.642
-40.9
0.281
21.51
0.400
0.685
-116.2
7.576
110.9
0.071
38.6
0.553
-45.6
0.361
20.29
0.500
0.666
-129.4
6.400
103.4
0.075
35.6
0.491
-48.6
0.443
19.33
0.600
0.657
-139.6
5.506
97.4
0.077
34.0
0.448
-50.8
0.516
18.54
0.700
0.650
-147.8
4.815
92.3
0.079
33.5
0.417
-52.7
0.593
17.86
0.800
0.650
-154.4
4.275
87.8
0.080
33.6
0.395
-54.5
0.660
17.27
0.900
0.649
-160.0
3.836
83.9
0.081
34.3
0.378
-56.3
0.732
16.74
1.000
0.651
-164.9
3.482
80.2
0.082
35.4
0.366
-58.4
0.791
16.26
1.100
0.652
-169.2
3.181
76.8
0.083
36.7
0.355
-60.5
0.858
15.81
1.200
0.654
-172.9
2.929
73.6
0.085
38.4
0.347
-62.7
0.916
15.38
1.300
0.655
-176.3
2.713
70.6
0.086
40.1
0.340
-65.1
0.973
14.97
1.400
0.658
-179.3
2.526
67.8
0.088
42.0
0.335
-67.8
1.021
13.68
1.500
0.661
177.9
2.363
65.1
0.090
44.1
0.332
-70.4
1.062
12.66
1.600
0.664
175.4
2.220
62.5
0.093
46.0
0.330
-73.3
1.094
11.92
1.700
0.669
173.0
2.093
60.0
0.096
48.1
0.329
-76.3
1.117
11.33
1.800
0.673
170.8
1.981
57.5
0.099
50.1
0.330
-79.5
1.131
10.82
1.900
0.679
168.7
1.881
55.2
0.102
52.1
0.331
-82.7
1.135
10.41
2.000
0.683
166.9
1.788
52.9
0.106
53.8
0.333
-86.1
1.139
9.99
2.100
0.689
165.2
1.706
50.8
0.111
55.5
0.335
-89.6
1.131
9.67
2.200
0.694
163.6
1.630
48.6
0.116
57.1
0.339
-92.9
1.121
9.37
2.300
0.698
162.1
1.561
46.5
0.121
58.5
0.341
-96.6
1.112
9.08
2.400
0.703
160.7
1.497
44.5
0.126
59.7
0.345
-100.0
1.097
8.84
2.500
0.706
159.4
1.437
42.6
0.132
60.7
0.350
-103.6
1.085
8.59
2.600
0.711
158.2
1.381
40.7
0.138
61.6
0.356
-106.9
1.066
8.42
2.700
0.714
157.1
1.331
38.9
0.145
62.5
0.363
-110.4
1.048
8.28
2.800
0.719
156.0
1.284
37.1
0.152
63.1
0.371
-113.6
1.024
8.32
2.900
0.722
154.9
1.240
35.5
0.159
63.7
0.379
-116.9
1.008
8.39
3.000
0.726
154.0
1.199
33.9
0.167
63.9
0.388
-120.0
0.983
8.57
Q2
Q2
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
50
10
25
S22
100
S11
+90º
+135º
-135º
-90º
-45º
+45º
+0º
.2
.4
.8
.6
1
+180º
S12
S21
S21
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - UPA895TD-T3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPA895TD-T3 NEC-UPA895TD-T3 Datasheet
129Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA895TD-T3 RENESAS-UPA895TD-T3 Datasheet
292Kb / 13P
   NPN SILICON RF TWIN TRANSISTOR
2003
More results

Similar Description - UPA895TD-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
   NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
   NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
   NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
   NPN Silicon RF TWIN Transistor
2005-10-11
logo
Renesas Technology Corp
UPA873TD RENESAS-UPA873TD Datasheet
328Kb / 19P
   NPN SILICON RF TWIN TRANSISTOR
2002
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
   NPN SILICON RF TWIN TRANSISTOR
1999
UPA831TD RENESAS-UPA831TD Datasheet
273Kb / 8P
   NPN SILICON RF TWIN TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com