Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LA549-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8563LA549-CC
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA549-CC Datasheet(HTML) 1 Page - California Eastern Labs

  NX8563LA549-CC Datasheet HTML 1Page - California Eastern Labs NX8563LA549-CC Datasheet HTML 2Page - California Eastern Labs NX8563LA549-CC Datasheet HTML 3Page - California Eastern Labs NX8563LA549-CC Datasheet HTML 4Page - California Eastern Labs NX8563LA549-CC Datasheet HTML 5Page - California Eastern Labs NX8563LA549-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
LASER DIODE
NX8563LA Series
Document No. PL10428EJ02V0DS (2nd edition)
Date Published September 2005 CP(K)
The mark
shows major revised points.
DESCRIPTION
The NX8563LA Series is a 1 550 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode module with Single Mode
Fiber.
It is designed as directly modulation light source and ideal for optical
transmission systems. The device is available for Dense Wavelength Division
Multiplexing (DWDM) wavelengths based on ITU-T recommendations,
enabling a wide range of applications.
FEATURES
• Peak output power
Pf = 10 mW MIN.
• Available for DWDM wavelengths based on ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
• Internal thermo-electric cooler and isolator
• Hermetically sealed 14-pin butterfly package
• Single mode fiber pigtail
• Wide operation temperature range


Similar Part No. - NX8563LA549-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8563LA549-CC RENESAS-NX8563LA549-CC Datasheet
288Kb / 10P
   LASER DIODE
2005
More results

Similar Description - NX8563LA549-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com