Electronic Components Datasheet Search |
|
84C1D-A12-K08L Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
84C1D-A12-K08L Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 4 page *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 83/84 - 5/8 ” Square 10-Turn Wirewound Element (J Taper) Hybriton ¤ Element (K Taper) Standard Resistance Range ...................................................................200 to 100 K ohms ......................................1 K to 100 K ohms Total Resistance Tolerance .....................................................................±5 %............................................................±10 % Independent Linearity .............................................................................±0.25 %.......................................................±0.25 % Absolute Minimum Resistance (J Taper) ................................................1.0 ohm or 0.1 % (whichever is greater) .....– Effective Electrical Angle ........................................................................3600 ° +10 °, -0 °.........................................3600 ° +10 °, -0 ° Dielectric Withstanding Voltage (MIL-STD-202, Method 301) Sea Level............................................................................................1,000 VAC minimum....................................1,000 VAC minimum Insulation Resistance (500 VDC) ............................................................1,000 megohms minimum...........................1,000 megohms minimum Power Rating (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less) +70 °C ...............................................................................................1 watt...........................................................1 watts +125 °C ..............................................................................................0 watt...........................................................0 watt Theoretical Resolution ............................................................................See table .....................................................Essentially infinite End Voltage (K Taper) .............................................................................–...................................................................0.2 % of applied voltage Noise (J Taper) ........................................................................................100 ohms ENR maximum............................– Output Smoothness (K Taper) ................................................................–...................................................................0.15 % maximum Environmental Characteristics 1 Operating Temperature Range ...............................................................+1 °C to +125 °C .........................................+1 °C to +125 °C Storage Temperature Range...................................................................-55 °C to +125 °C........................................-55 °C to +125 °C Temperature Coefficient Over Storage Temperature Range...................±50 ppm/°C.................................................±100 ppm/°C Vibration..................................................................................................15 G.............................................................15 G Total Resistance Shift.........................................................................±2 %............................................................±2 % Voltage Ratio Shift..............................................................................±0.2 %.........................................................±0.2 % Wiper Bounce.....................................................................................0.1 millisecond maximum............................0.1 millisecond maximum Shock......................................................................................................50 G.............................................................50 G Total Resistance Shift.........................................................................±2 %............................................................±2 % Voltage Ratio Shift..............................................................................±0.2 %.........................................................±0.2 % Wiper Bounce.....................................................................................0.1 millisecond maximum............................0.1 millisecond maximum Load Life.................................................................................................1,000 hours .................................................1,000 hours Total Resistance Shift.........................................................................±2 % maximum ...........................................±5 % maximum Rotational Life (No Load) ........................................................................1,000,000 shaft revolutions .........................4,000,000 shaft revolutions Total Resistance Shift.........................................................................±5 % maximum ..........................................±5 % maximum Moisture Resistance (MIL-STD-202, Method 103, Condition B) Total Resistance Shift.........................................................................±2 % maximum ...........................................±5 % maximum Insulation Resistance (500 VDC) ........................................................100 megohms minimum..............................100 megohms minimum IP Rating .................................................................................................IP 40 ............................................................IP 40 Mechanical Characteristics 1 Stop Strength ......................................................................................................................................................................33.90 N-cm (48.0 oz.-in.) minimum Mechanical Angle ............................................................................................................................................................................................3600 ° +15 °, -0 ° Torque Starting ................................................................................................................................................Running torque plus 0.7 N-cm (1.0 oz.-in.) maximum Running (1 or 2 Section)..............................................................................................................................................0.18 to 1.41 N-cm (0.25 to 2.0 oz.-in.) Mounting (Torque on Bushing) ......................................................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum Shaft Runout ........................................................................................................................................................................................0.15 mm (0.006 in.) T.I.R. Shaft End Play......................................................................................................................................................................................0.36 mm (0.014 in.) T.I.R. Shaft Radial Play..................................................................................................................................................................................0.13 mm (0.005 in.) T.I.R. Weight (Single Section) ......................................................................................................................................................................................21 gm (0.75 oz.) (Each Additional Section) ..............................................................................................................................................................................18 gm (0.65 oz.) Terminals ........................................................................................................................................................................Printed circuit terminals or solder lugs Soldering Condition ......................................................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter. Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux Marking ..........................................................................Manufacturer’s trademark, wiring diagram, date code and resistance, manufacturer’s part number Ganging (Multiple Section Potentiometers) ......................................................................................................................................................2 cup maximum Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number. NOTE: MODEL 83/84 PERFORMANCE SPECIFICATIONS DO NOT APPLY TO UNITS SUBJECTED TO PRINTED CIRCUIT BOARD CLEANING PROCEDURES. 1AT ROOM AMBIENT: +25 °C NOMINAL AND 50 % RELATIVE HUMIDITY NOMINAL, EXCEPT AS NOTED. Features ■ Compatible with other members of the Model 80 Series ■ The only 10-turn precision potentiometer in a modular panel control package ■ Up to 2 sections available Initial Electrical Characteristics 1 |
Similar Part No. - 84C1D-A12-K08L |
|
Similar Description - 84C1D-A12-K08L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |