Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1008K-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPB1008K-A
Description  LOW POWER GPS RF RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1008K-A Datasheet(HTML) 3 Page - California Eastern Labs

  UPB1008K-A Datasheet HTML 1Page - California Eastern Labs UPB1008K-A Datasheet HTML 2Page - California Eastern Labs UPB1008K-A Datasheet HTML 3Page - California Eastern Labs UPB1008K-A Datasheet HTML 4Page - California Eastern Labs UPB1008K-A Datasheet HTML 5Page - California Eastern Labs UPB1008K-A Datasheet HTML 6Page - California Eastern Labs UPB1008K-A Datasheet HTML 7Page - California Eastern Labs UPB1008K-A Datasheet HTML 8Page - California Eastern Labs UPB1008K-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UPB1008K
LNA/RF DOWNCONVERTER
(fRFin = 1575.42 MHz, f1stLOin = 1400 MHz, PLO = -10 dBm, f1stIF = 175 MHz, Pin 13: VIL = 3 V, ZL differential = 32Ω & ZS = Γopt)
CGLNA_MIX
Power conversion gain from 2nd LNA/mixer to 1st IF,
dB
18
23
28
PRFin = -50 dBm
NFLNA_MIX
Noise Figure of 2nd LNA/mixer(SSB), Input matched
dB
5
P1dBLNA_MIX
1 dB Compression refer to source, Input matched
dBm
-38
ZLNAin
RF Input Impedance of LNA
Ohm
31
ZMIXout
IF Output Impedance of Mixer
Ohm
32
ALO-IF
Local Signal Leak to IF, f1stLOin=1400 MHz,
dBm
-35
PLO = 0 dBm
ALO-RF
Local Signal Leak to RF, f1stLOin=1400 MHz,
dBm
-50
PLO = 0 dBm
PLL
ICPOH
PLL Charge Pump High Side Current @ VCPout = VCC/2
µA
200
ICPOL
PLL Charge Pump Low Side Current @ VCPout = VCC/2
µA
-200
fPD
Phase Comparison Frequency
MHz
13.5
CRYSTAL OSCILLATOR/REVERENCE AMPLIFIER BLOCK
VREFin
Reference input minimum level
mVpp
50
200
fREF
Input Frequency of Reference Input
MHz
27
VT
VCO Control Voltage, PLL Locked
V
0.8
1.5
2.2
C/N
VCO C/N,
1kHz, Loop band width = 5 kHz
dBc/Hz
57
62
AGC AMPLIFIER, I-Q DEMODULATOR, and ADC BLOCK(f1stIFin = 175 MHz, Zin = 600Ω)
CGAGC/MIX
Maximum voltage conversion gain of AGC amplifier/
dB
30
I-Q mixer, Pin = -60 dBm, VAGC = 0.5 V, Unmatched
Minimum voltage conversion gain of AGC amplifier/
dB
-15
I-Q mixer, Pin = -60 dBm, VAGC = 2.0 V, Unmatched
AAGC/MIX
AGC control range, VAGC = 0.5 V to 2 V
dB
25
45
P1dBAGC
1 dB compression input to AGC amplifier,
dBm
-45
set voltage gain = 30 dB
VAGC
AGC control voltage
V
0.5
2.0
BW
3dB Mixer Bandwidth
MHz
10
VIQ-C
IQ BalanceControl Voltage, Gain(Ich) = Gain (Qch)
V
2.1
2.8
AIQ-C
IQ Balance Control Gain Range, VIQ-C = 0 to 3 V
dB
4.0
6.5
Duty
Ich Mag Bit Output Pulse Duty, P1stIFin = -84 dBm
%
50
Ich
VAGC = 0.5 V, VIQ-C = 0 V
Duty
Qch Mag Bit Output Pulse Duty, PIF2in = -88 dBm
%
50
Qch
VAGC = 0.5 V, VIQ-C = 0 V
BASEBAND AMPLIFIER BLOCK (ZS = 2kΩ & ZL = 2 kΩ)
VBBOH
Baseband output logic high, CL = 10 pF
V
2.0
VBBOL
Baseband output logic low, CL = 10 pF
V
0
0.5
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current, No Signals
mA
14
18
23.5
VCC
Supply Voltage
V
2.7
3.0
3.3
ICC_PD
Power down current, PIN 13 = VIL
µA–
1
10
ICC rf
RF Block Circuit Current (pin 3), No signal
µA
0.4
0.5
0.7
ICC lo
VCO Block Circuit Current (pin 7), No signal
mA
4.1
5.6
7.2
ICC pll
PLL Block Circuit Current (pin 9), No signal
mA
2.7
3.6
4.7
ICC bb
Baseband Block Circuit Current (pin 23), No signal,
mA
2.5
3.4
4.3
open load
ICC if
IF Block Circuit Current (pin 28) , No signal
mA
2.7
3.7
4.7
ICC lna
Pre-Amplifier Open Connector Current (pin 36),
mA
1.0
1.4
1.8
No signal
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3.0 V, unless otherwise specified)


Similar Part No. - UPB1008K-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1008K-E1 RENESAS-UPB1008K-E1 Datasheet
367Kb / 27P
   BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
More results

Similar Description - UPB1008K-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1008 NEC-UPB1008 Datasheet
281Kb / 9P
   NECs LOW POWER GPS RF RECEIVER
logo
California Eastern Labs
UPB1009K CEL-UPB1009K Datasheet
2Mb / 28P
   LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPB1009K NEC-UPB1009K Datasheet
344Kb / 27P
   NECs LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
   Low power GPS RF front-end
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
   GPS RECEIVER
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
   GPS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com