Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1514TU-E2 Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPB1514TU-E2
Description  16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1514TU-E2 Datasheet(HTML) 5 Page - California Eastern Labs

  UPB1514TU-E2 Datasheet HTML 1Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 2Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 3Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 4Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 5Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 6Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 7Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 8Page - California Eastern Labs UPB1514TU-E2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Pin = 0 dBm
Frequency f (GHz)
INPUT SENSITIVITY vs. FREQUENCY
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
510
15
20
Guaranteed
operating
range
VCC = 5.0 V
TA = –40˚C
TA = +25˚C
TA = +85˚C
Frequency f (GHz)
OUTPUT POWER vs. FREQUENCY
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
510
15
20
Guaranteed
operating range
TA = –40˚C
TA = +25˚C
TA = +85˚C
VCC = 5.0 V
Pin = 0 dBm
Frequency f (GHz)
Frequency f (GHz)
INPUT SENSITIVITY vs. FREQUENCY
OUTPUT POWER vs. FREQUENCY
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
510
15
20
Guaranteed
operating
range
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
510
15
20
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
Guaranteed
operating range
55
50
45
40
35
30
25
20
15
10
5
0
1234
6
5
Supply Voltage VCC (V)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
TA = –40˚C
TA = +25˚C
TA = +85˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PU10541EJ02V0DS
5
µPB1514TU


Similar Part No. - UPB1514TU-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1514TU-E2 RENESAS-UPB1514TU-E2 Datasheet
327Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1514TU-E2-A RENESAS-UPB1514TU-E2-A Datasheet
327Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
More results

Similar Description - UPB1514TU-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
   FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
California Eastern Labs
UPB1512TU CEL-UPB1512TU Datasheet
552Kb / 10P
   NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
logo
NEC
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
   14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
logo
Agilent(Hewlett-Packard...
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
   DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
logo
NEC
UPB1509GV NEC-UPB1509GV Datasheet
117Kb / 16P
   1GHz INPUT DIVIDE BY 2, 4, 8 PRESCALER IC FOR PORTABLE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com