Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1686GV-E1-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC1686GV-E1-A
Description  900 MHz SILICON MMIC DOWN CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC1686GV-E1-A Datasheet(HTML) 3 Page - California Eastern Labs

  UPC1686GV-E1-A Datasheet HTML 1Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 2Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 3Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 4Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 5Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 6Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 7Page - California Eastern Labs UPC1686GV-E1-A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UPC1686GV
TYPICAL PERFORMANCE CURVES (TA = 25°C)
1% CROSS MODULATION
vs. FREQUENCY
OSC-FREQUENCY STABILITY
vs. FREQUENCY
Frequency (OSC), f (MHz)
Frequency (RF Input), f (MHz)
EQUIVALENT CIRCUIT
CONVERSION GAIN AND NOISE
FIGURE vs. FREQUENCY
Frequency (RF Input), f (MHz)
CIRCUIT CURRENT vs.
SUPPLY VOLTAGE
OUTPUT POWER AND
INTERMODULATION DISTORTION
vs. INPUT POWER
Supply Voltage, VCC (V)
Input Power, PIN (dBm)
Each Tone
1
2
3
4
5
6
50
40
30
20
10
0
VCC = 5 V
RF = 440 MHz
IF = 50 MHz
POUT
IMD3
-40
-20
0
+20
+20
0
-20
-40
Conditions; Vcc = 5V
PIN = 31 dBm
IF = 50 MHz
Undesired Signal;
Desired Signal + 12 MHz
100 kHz 30% AM
S/C Ratio = 46 dB
Measured 75 ohm open terminal
PIN = -31 dBm
0
500
1000
1200
100
90
80
70
60
0
500
1000
1200
+300
0
-300
VCC = 4.5 V
VCC = 4.5 V
VCC = -5.5 V
VCC = 5.5 V
12
3
4
OSC
COLL
VCC
OSC BASE
(BYPASS)
OSC BASE
(FEEDBACK)
LOCAL OSCILLATOR
OSC
AMP
VOLTAGE REGULATOR
IF
AMP
IF OUT
5
6
GND
7
8
RF IN 2
RF IN 1
M
I
X
E
R
Conditions; Vcc = 5 V
IF = 50 MHz
RF Input Terminal: not tuned
CG
NF
0
500
1000
1200
25
20
15
10
5
16
14
12
10
8
6


Similar Part No. - UPC1686GV-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1686GV-E1 NEC-UPC1686GV-E1 Datasheet
84Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results

Similar Description - UPC1686GV-E1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
logo
NXP Semiconductors
BLM6G10-30 NXP-BLM6G10-30 Datasheet
88Kb / 11P
   W-CDMA 900 MHz - 1000 MHz power MMIC
Rev. 01-28 August 2009
logo
NEC
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
   3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
   3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
logo
NEC
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
   3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com