Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2721GV-E1 Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC2721GV-E1
Description  SILICON MMIC L BAND DOWNCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2721GV-E1 Datasheet(HTML) 3 Page - California Eastern Labs

  UPC2721GV-E1 Datasheet HTML 1Page - California Eastern Labs UPC2721GV-E1 Datasheet HTML 2Page - California Eastern Labs UPC2721GV-E1 Datasheet HTML 3Page - California Eastern Labs UPC2721GV-E1 Datasheet HTML 4Page - California Eastern Labs UPC2721GV-E1 Datasheet HTML 5Page - California Eastern Labs UPC2721GV-E1 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UPC2721GV
+6.0
+4.0
+2.0
0
-2.0
-4.0
-6.0
-1.5
-1.4
-1.6
-1.7
-1.8
-1.9
-2.0
-2.1
-2.2
VCC = 5.5 V
VCC = 5.5 V
VCC = 4.5 V
VCC = 4.5 V
OSC FREQUENCY STABILITY
vs. OSC FREQUENCY
Oscillation Frequency, fOSC (GHz)
TYPICAL PERFORMANCE CURVES (TA = 25
°C)
PIN DESCRIPTIONS
PIN
SYMBOL
PIN VOLT
DESCRIPTION
EQUIVALENT CIRCUIT
NO.
TYP (V)
1
OSC
2.9
base
(bypass)
2
OSC
2.9
base
(feedback)
3
OSC
5.0
collector
(coupling)
4VCC
5.0
5
IF Output
2.9
6
GND
0.0
7
RF input2
2.4
(bypass)
8
RF input1
2.4
Internal oscillator consists of a
balance amplifier. Pin 2 and pin 3
should be externally equipped with a
tank resonator circuit in order to
oscillate with feedback loop.
Pin 1 should be grounded through
coupling capacitor ~0.5 pF.
Pin 3 is an open collector. This pin should
be coupled through resistor or choke coil
in order to adjust Q and connect the
supply voltage.
The amplifier is designed as single-ended
push-pull amplifier. This pin is an emitter
follower output with a wideband 50
impedance.
Supply voltage pin for the IC.
Pin 7 and pin 8 are inputs to a double-
balanced mixer. Either pin can be
assigned for input or ground.
GND pin for the IC.
2
Vcc
3
1
5
40
8
7
+10
0
-10
-20
-30
-40
-50
-60
-40
-30
-20
-10
0
fRF1 = 900 MHZ
fRF2 = 938 MHZ
fLO = 1.3 GHZ (0 dBm)
fRF1 = 2.0 GHZ
fRF2 = 2.038 GHZ
fLO = 2.4 GHZ (0 dBm)
Pout
IM3
IM3 AND OUTPUT POWER
vs. INPUT POWER
Input Power, PIN (dBm)


Similar Part No. - UPC2721GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GV-E1 NEC-UPC2721GV-E1 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
UPC2721GV-E1 NEC-UPC2721GV-E1 Datasheet
50Kb / 5P
   SILICON MMIC L BAND DOWNCONVERTER
More results

Similar Description - UPC2721GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
   SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
   SILICON MMIC L-BAND DOWNCONVERTER
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
UPC2756TB NEC-UPC2756TB Datasheet
147Kb / 16P
   MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
   3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
   MMIC X/Ku-Band DBS Downconverter
logo
NEC
UPG139GV NEC-UPG139GV Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPC2743GS NEC-UPC2743GS Datasheet
65Kb / 3P
   SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com