Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2782GR-E1 Datasheet(PDF) 4 Page - NEC

Part # UPC2782GR-E1
Description  SILICON MMIC L/S BAND DOWNCONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2782GR-E1 Datasheet(HTML) 4 Page - NEC

  UPC2782GR-E1 Datasheet HTML 1Page - NEC UPC2782GR-E1 Datasheet HTML 2Page - NEC UPC2782GR-E1 Datasheet HTML 3Page - NEC UPC2782GR-E1 Datasheet HTML 4Page - NEC UPC2782GR-E1 Datasheet HTML 5Page - NEC UPC2782GR-E1 Datasheet HTML 6Page - NEC UPC2782GR-E1 Datasheet HTML 7Page - NEC UPC2782GR-E1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC2782GR
0
-20
-60
20
-40
-80
-30
-40
-20
-10
0
10
fIF = 480, 510 MHz
POUT
IM3
0
-10
-30
10
-20
-40
-30
-20
-10
0
10
fIF = 480 MHz
VAGC = 0 V
20
15
5
0
30
25
10
-5
0
200
400
600
800
1000
VAGC = 1 V
VAGC = 2.6 V
VAGC = 4.2 V
PIF = -30 dBm
25
20
10
5
35
30
15
0
200
400
600
800
1000
VAGC = 2.6 V
VAGC = 4.2 V
VAGC = 1 V
20
15
5
0
30
25
10
-5
01
2
3
4
5
6
fIF = 480 MHz
PIF = -30 dBm
25
20
10
5
35
30
15
01
2
3
4
5
6
fIF = 480 MHz
PIF = -30 dBm
OUTPUT POWER vs.
INPUT POWER (IF AMP)
GAIN vs.
IF FREQUENCY (IF AMP)
NOISE FIGURE vs.
IF FREQUENCY (IF AMP)
GAIN vs.
AGC VOLTAGE (IF AMP)
NOISE FIGURE vs.
AGC VOLTAGE (IF AMP)
THIRD ORDER INTERMOD LEVEL
and OUTPUT POWER
vs. INPUT POWER (IF AMP)
TYPICAL PERFORMANCE CURVES (TA = 25°C, VCC = 5 V)
Input Power, PIN (dBm)
IF Frequency, fIF (MHz)
IF Frequency, fIF (MHz)
AGC Voltage, VAGC (V)
AGC Voltage, VAGC (V)
Input Power, PIN (dBm)


Similar Part No. - UPC2782GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2782GR-E1 NEC-UPC2782GR-E1 Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
More results

Similar Description - UPC2782GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
   SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
   SILICON MMIC L-BAND DOWNCONVERTER
UPC2756TB NEC-UPC2756TB Datasheet
147Kb / 16P
   MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
   3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
NEC
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
   L, S BAND SPDT GaAs MMIC SWITCH
UPG154TB NEC-UPG154TB_01 Datasheet
36Kb / 3P
   L, S Band SPDT GaAs MMIC Switch
UPG153TB NEC-UPG153TB_01 Datasheet
36Kb / 4P
   L, S Band SPDT GaAs MMIC Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com