Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP1043SRD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP1043SRD
Description  3.65x6.15mm SINGLE CHIP LED LIGHT BAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1043SRD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP1043SRD Datasheet HTML 1Page - Kingbright Corporation WP1043SRD Datasheet HTML 2Page - Kingbright Corporation WP1043SRD Datasheet HTML 3Page - Kingbright Corporation WP1043SRD Datasheet HTML 4Page - Kingbright Corporation WP1043SRD Datasheet HTML 5Page - Kingbright Corporation WP1043SRD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2702
REV NO: V.2
DATE: MAY/22/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101000443
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
Part Number: WP1043SRD
Super Bright Red
Features
FLAT RECTANGULAR LIGHT EMITTING SURFACE.
SINGLE COLOR.
IDEAL AS FLUSH MOUNTED PANEL INDICATORS.
EXCELLENT ON/OFF CONTRAST.
LONG LIFE - SOLID STATE RELIABILITY.
THIS SERIES ARE TIN-DIPPED.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP1043SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1043SGD KINGBRIGHT-WP1043SGD Datasheet
416Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
More results

Similar Description - WP1043SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1043YD KINGBRIGHT-WP1043YD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043ID KINGBRIGHT-WP1043ID Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
SunLED Corporation
EMG21D SUNLED-EMG21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUR21D SUNLED-EUR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EMR21D SUNLED-EMR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
Kingbright Corporation
WP1043GD KINGBRIGHT-WP1043GD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SGD KINGBRIGHT-WP1043SGD Datasheet
416Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
L-1043 KINGBRIGHT-L-1043 Datasheet
789Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BARS
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com