Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3217GV-E1-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC3217GV-E1-A
Description  5 V AGC AMPLIFIER VIDEO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3217GV-E1-A Datasheet(HTML) 2 Page - California Eastern Labs

  UPC3217GV-E1-A Datasheet HTML 1Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 2Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 3Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 4Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 5Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 6Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 7Page - California Eastern Labs UPC3217GV-E1-A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UPC3217GV,UPC3218GV
SYMBOL
PARAMETER
UNITS MIN TYP MAX
VCC
Supply Voltage
V
4.5 5.0 5.5
TA
Operating Ambient Temp.1
°C
-40 +25 +85
VAGC2
Gain Control Voltage Range
V
0
3.0
VIN
Video Input Signal Range dBmV 8
30
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6.0
PD
Power Dissipation2,
TA = 85˚C
mW
250
TOP1
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-50 to +150
ABSOLUTEMAXIMUMRATINGS1
(TA = 25°C, unless otherwise specified)
RECOMMENDED
OPERATINGCONDITIONS
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB, with copper
Note:
1. VCC = 4.5 to 5.5 V
2. AGC range at pin 4 of the IC
TYPICALPERFORMANCECURVES (TA = 25°C, unless otherwise specified)
UPC3217GV
UPC3218GV
Automatic Gain Control Voltage, VAGC (V)
NOISEFIGUREvs.
AUTOMATICGAINCONTROLVOLTAGE*
NOISEFIGUREvs.
AUTOMATICGAINCONTROLVOLTAGE*
Automatic Gain Control Voltage, VAGC (V)
NOISEFIGUREvs.
FREQUENCY
Frequency, f (MHz)
Frequency, f (MHz)
NOISEFIGUREvs.
FREQUENCY
Note:
Embossed tape 8 mm wide. Pin 1 indicates pull-out direction of
PARTNUMBER
QUANTITY
UPC3217GV-E1-A
1 kp/Reel
UPC3218GV-E1-A
1 kp/Reel
ORDERINGINFORMATION
* VAGC shown as applied in the evaluation cicuit (see page 5) through a resistive bridge (voltage divider).
Actual voltage range on the pin of the IC is 0 to 3 V.


Similar Part No. - UPC3217GV-E1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3217GV-E1 RENESAS-UPC3217GV-E1 Datasheet
403Kb / 24P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results

Similar Description - UPC3217GV-E1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
NEC
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
   GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3217GV NEC-UPC3217GV Datasheet
189Kb / 7P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3221GV NEC-UPC3221GV Datasheet
177Kb / 6P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV_13 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
UPC3228T5S CEL-UPC3228T5S Datasheet
291Kb / 13P
   LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com