Electronic Components Datasheet Search |
|
SZ5U1R5D100B0 Datasheet(PDF) 10 Page - Sharma Electro Components,Inc |
|
SZ5U1R5D100B0 Datasheet(HTML) 10 Page - Sharma Electro Components,Inc |
10 / 12 page SCY1, SCY2 Series Safety Recognized Ceramic Capacitor Operating Temperature -25°C to +85°C Capacitance Range 100pF to 10000pF (Y2 series) 100pF to 4700pF (Y1 series) Capacitance Tolerance K=±10%, M=±20% Rated voltage 250VAC, 400VAC Temperature Coefficient ±10% for Y5P, +30% to -80% for Y5V (Y2 series) ±10% for Y5P, +20% to -55% for Y5U (Y1 series) Dissipation Factor (tand) Y5P: 2.5% max at 25°C and 1KHz, 1±0.2 Vrms Y5V: 5% max at 25°C and 1KHz, 1±0.2 Vrms (Y2 series) Y5U: 2.5% max at 25°C and 1KHz, 1±0.2 Vrms (Y1 series) Insulation Resistance at 25°C 10000Mohm at 500VDC for 1 minute Dielectric Strength 2600VAC for 60 seconds (Rated voltage: 400VAC) - Y2 series 4000VAC for 60 seconds (Rated voltage: 400VAC) - Y1 series Dimensions and Tolerance: B = 3.0 mm max d = 0.60 mm ±0.05 mm F = 7.5 or 9.5 ±0.8 mm (Y2 Series) F = 9.5 ±0.8 mm (Y1 Series) L = 5 ~ 25 mm Sharma Ceramic Capacitors Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 Specifications |
Similar Part No. - SZ5U1R5D100B0 |
|
Similar Description - SZ5U1R5D100B0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |