Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP1533AA-GD14V-W152 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP1533AA-GD14V-W152
Description  4.7mm HOUSING FOR LED LAMP WITH WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1533AA-GD14V-W152 Datasheet(HTML) 4 Page - Kingbright Corporation

  WP1533AA-GD14V-W152 Datasheet HTML 1Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 2Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 3Page - Kingbright Corporation WP1533AA-GD14V-W152 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAH0596
REV NO: V.2
DATE: MAY/08/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102009290
PACKING & LABEL SPECIFICATIONS
WP1533AA/GD14V-W152


Similar Part No. - WP1533AA-GD14V-W152

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1533AA-GD-W152 KINGBRIGHT-WP1533AA-GD-W152 Datasheet
258Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
More results

Similar Description - WP1533AA-GD14V-W152

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1533AA-ID-W152 KINGBRIGHT-WP1533AA-ID-W152 Datasheet
259Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
WP1533AA-SRD-W152 KINGBRIGHT-WP1533AA-SRD-W152 Datasheet
141Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
WP1533AA-GD-W152 KINGBRIGHT-WP1533AA-GD-W152 Datasheet
258Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
WP1533AA-YD14V-W152 KINGBRIGHT-WP1533AA-YD14V-W152 Datasheet
248Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
WP1533AA-ID14V-W152 KINGBRIGHT-WP1533AA-ID14V-W152 Datasheet
247Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
WP1533AA-YD-W152 KINGBRIGHT-WP1533AA-YD-W152 Datasheet
259Kb / 4P
   4.7mm HOUSING FOR LED LAMP WITH WIRE
logo
Marktech Corporate
MT1195-RG-A MARKTECH-MT1195-RG-A Datasheet
137Kb / 6P
   4.7mm CYLINDRIC LED LAMP
MT2195-G-A MARKTECH-MT2195-G-A Datasheet
137Kb / 6P
   4.7mm CYLINDRIC LED LAMP
MT3195-Y-A MARKTECH-MT3195-Y-A Datasheet
137Kb / 6P
   4.7mm CYLINDRIC LED LAMP
logo
Kingbright Corporation
RTF5020 KINGBRIGHT-RTF5020 Datasheet
26Kb / 1P
   HOUSING FOR LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com