Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMA5939B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMA5939B
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMA5939B Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMA5939B Datasheet HTML 1Page - NXP Semiconductors PSMA5939B Datasheet HTML 2Page - NXP Semiconductors PSMA5939B Datasheet HTML 3Page - NXP Semiconductors PSMA5939B Datasheet HTML 4Page - NXP Semiconductors PSMA5939B Datasheet HTML 5Page - NXP Semiconductors PSMA5939B Datasheet HTML 6Page - NXP Semiconductors PSMA5939B Datasheet HTML 7Page - NXP Semiconductors PSMA5939B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Dec 04
3
Philips Semiconductors
Product specification
Voltage regulator diodes
PSMA5925B to PSMA5945B
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj =25 °C unless otherwise specified.
Note
1. Tolerance and Voltage Designation: Tolerance designation - The type number listed indicates a tolerance of
±5%.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 0.5 A
1.2
V
DEVICE
(note 1)
NOMINAL
ZENER
VOLTAGE
TEST
CURRENT
ZENER IMPEDANCE
(max)
REVERSE LEAKAGE CURRENT
(max)
VZ @IZT
(V)
IZT
(mA)
ZZT @ IZT
(
Ω)
ZZK
(
Ω)
IZK
(mA)
IR
(
µA)
VR
(V)
Max DC
Zener
Current
IZM (mAdc)
PSMA5925B
10
37.5
4.5
500
0.25
10.0
8.0
150
PSMA5926B
11
34.1
5.5
550
0.25
4.0
8.4
136
PSMA5927B
12
31.2
6.5
550
0.25
3.0
9.1
125
PSMA5928B
13
28.8
8.0
600
0.25
1.0
9.9
115
PSMA5929B
15
25.0
9.0
650
0.25
0.5
11.4
100
PSMA5930B
16
23.4
10
650
0.25
0.5
12.2
94
PSMA5931B
18
20.8
12
650
0.25
0.5
13.7
83
PSMA5932B
20
18.7
14
650
0.25
0.5
15.2
75
PSMA5933B
22
17.0
17.5
650
0.25
0.5
16.7
68
PSMA5934B
24
15.6
19
700
0.25
0.5
18.2
63
PSMA5935B
27
13.9
23
700
0.25
0.5
20.6
56
PSMA5936B
30
12.5
26
750
0.25
0.5
22.8
50
PSMA5937B
33
11.4
33
800
0.25
0.5
25.1
45
PSMA5938B
36
10.4
38
850
0.25
0.5
27.4
42
PSMA5939B
39
9.6
45
900
0.25
0.5
29.7
38
PSMA5940B
43
8.7
53
950
0.25
0.5
32.7
35
PSMA5941B
47
8.0
67
1000
0.25
0.5
35.8
32
PSMA5942B
51
7.3
70
1100
0.25
0.5
38.8
29
PSMA5943B
56
6.7
86
1300
0.25
0.5
42.6
27
PSMA5944B
62
6.0
100
1500
0.25
0.5
47.1
24
PSMA5945B
68
5.5
120
1700
0.25
0.5
51.7
22


Similar Part No. - PSMA5939B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PSMA5939B SUNMATE-PSMA5939B Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - PSMA5939B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com