Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX7R471J100B0 Datasheet(PDF) 4 Page - Sharma Electro Components,Inc

Part # SX7R471J100B0
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SX7R471J100B0 Datasheet(HTML) 4 Page - Sharma Electro Components,Inc

  SX7R471J100B0 Datasheet HTML 1Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 2Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 3Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 4Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 5Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 6Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 7Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 8Page - Sharma Electro Components,Inc SX7R471J100B0 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SNPO Series
APPLICATION:
FEATURES:
GENERAL SPECIFICATIONS:
The SNPO series has a high Q, low K
• Very low temperature coefficient
Operating temperature: -55 to +125 °C
temperature compensating type of capaci-
Temperature coefficient: ±30ppm per °C
tance dielectric with stable electrical
• Stable electrical characteristics
Capacitance tolerance: ±5%, <10pF ±.25pF
properties under varying voltage, temper-
or ±.5pF standard, ±10% optional
ature, frequency and time conditions. The
• High capacitance and miniature size
Capacitance range: .47pF to .1uF
series is suitable for circuits requiring low
Voltage range: 6.3V to 4KV DC
loss, circuits with pulse, timing circuits
• Low and high voltage options
Dielectric withstanding voltage: 2 times
and for tuning applications.
the working VDC for 5 seconds
Typically used in R/F, microwave, and
• Available in bulk and tape & reel
Case code range: 0402 to 3035
other communications equipment. Fre-
packaging
quently designed in precision industrial
Note: See Reliability and Test Conditions
controls, process control and test& mea-
• Consistent dimensions and surface finish
page for more specifications
surement instrumentation. Because of it's
wide range of temperature stability, often
• Nickel barrier terminations
used in automotive and quality audio
applications.
COG(NPO) DIELECTRIC CAPACITANCE RANGE Tolerance: (J), <5pF:±.25pF(C), ≥5pF<10pF:±.5pF(D) standards. Optional:(K)
Voltage(DC) 0402
0603
0805
1206
1210
1808
1812
2220
2225
3012
3035
6.3V
18-820pF
10V
12-680pF
16V
.62-470pF
2-680pF
25V
.47-560pF
.47-1000pF .47-3300pF
.47-4700pF 560pF-.01uF
1000pF-.015uF
1000pF-.047uF
1000pF-.1uF
50V
.47-330pF
.47-1000pF .47-2200pF
.47-4700pF 10pF-.015uF 10-3300pF
10pF-.022uF
1000pf-.022uF
1000pF-.047uF
100V
.47-1000pF .47-2200pF
.47-3300pF
10-6800pF
10-4700pF
10pF-.01uF
10pF-.01uF
470pF-.022uF
1000pF-.033uF
200V
.47-1000pF .47-1500pF
.47-2200pF
10-3300pF
10-4700pF
10-5600pF
10pF-.012uF
470pF-01uF
250V
.47-820pF
.47-2200pF
10-3300pF
10-4700pF
10-5600pF
10pF-.012uF
470pF-01uF
500V
.47-560pF
.47-2700pF
10-2700pF
10-4700pF
10-4700pF
10-6800pF
470-6800pF
.01-.022uF
1KV
.47-680pF
10-1000pF
10-4700pF
10-2200pF
10-2700pF
470-2700pF
2KV
.47-470pF
10-470pF
10-2200pF
10-1000pF
10-1000pF
470-1000pF
3KV
10-1000pF
10-1000pF
10-680pF
470-1000pF
4KV
10-470pF
10-330pF
10-560pF
470-1000pF
Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval.
Voltage/Case Code Options
COG / NPO is a dielectric with stable electrical properties under varying voltage,
temperature, frequency and time.
This dielectric has the least value of temperature coefficient. The temperature
coefficient characteristics is illustrated in Figure 1.1 Figure 1.2 illustrates the
variation pattern of Dissipation Factor with respect to temperature.
The DC Voltage coefficient and AC Voltage coefficient are illustrated in Figures 1.3
and 1.4 respectively.
COG (NPO) Characteristic Graphs
FIGURE 1.1
FIGURE 1.2
FIGURE 1.3
FIGURE 1.4
Sharma Ceramic Capacitors
Page 4
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SX7R471J100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SX7R471C050B0 SHARMA-SX7R471C050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050B1 SHARMA-SX7R471C050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050B2 SHARMA-SX7R471C050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050T0 SHARMA-SX7R471C050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SX7R471C050T1 SHARMA-SX7R471C050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SX7R471J100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com