Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8567SAM370-BC Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8567SAM370-BC
Description  EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8567SAM370-BC Datasheet(HTML) 5 Page - California Eastern Labs

  NX8567SAM370-BC Datasheet HTML 1Page - California Eastern Labs NX8567SAM370-BC Datasheet HTML 2Page - California Eastern Labs NX8567SAM370-BC Datasheet HTML 3Page - California Eastern Labs NX8567SAM370-BC Datasheet HTML 4Page - California Eastern Labs NX8567SAM370-BC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OUTLINE DIMENSIONS (Units in mm)
OPTICAL FIBER CHARACTERISTICS
PARAMETER
UNITS
SPECIFICATION
Mode Field Diameter
µm
9.3±0.5
Cladding Diameter
µm
125±1
Tight Buffer Diameter
µm
900±100
Cut-off Wavelenght
nm
< 1270
Attenuation 1525 to 1575 nm
dB/km
< 0.3
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1225 MIN
Flammability
UL1581VW-1
07/29/2003
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
NX8567SA SERIES
5.4
8.0
20.83±0.13
26.04±0.13
7
8
1
14
15.24
2.54
4 – 2.67
φ
22 MAX.
Nose
Fiber
Pin
No.
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Function
PIN CONNECTIONS
GND
GND
PD (λp) Anode (–)
LD/MOD GND
Signal Input (MOD),
50 Ω RF Input
LD/MOD GND
GND
Thermistor
Thermistor
LD DC Bias (+)
PD (Pf) Anode (–)
PD (λp) and
PD (Pf) Cathode (+)
Cooler (+)
Cooler (–)
29.97±0.25
Optical Fiber (SMF)
Length : 900 MIN.
TOP VIEW
#7
#1
#8
#14
PD (Pf)
Thermistor
PD (λp)
+
LD
MOD
Cooler
Function
Fiber Length: 900 mm MIN.
35±2 mm
-CC : SC-UPC connector
-BC : FC-UPC connector


Similar Part No. - NX8567SAM370-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8567SAM370-BC RENESAS-NX8567SAM370-BC Datasheet
267Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8567SAM370-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com