Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLMW683M100V25X50F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLMW683M100V25X50F
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW683M100V25X50F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLMW683M100V25X50F Datasheet HTML 1Page - NIC-Components Corp. NRLMW683M100V25X50F Datasheet HTML 2Page - NIC-Components Corp. NRLMW683M100V25X50F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
162
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
FEATURES
• LONG LIFE (105°C, 2000 HOURS)
• LOW PROFILE AND HIGH DENSITY DESIGN OPTIONS
• EXPANDED CV VALUE RANGE
• HIGH RIPPLE CURRENT
• CAN-TOP SAFETY VENT
• DESIGNED AS INPUT FILTER OF SMPS
• STANDARD 10mm (.400") SNAP-IN SPACING
NRLMW Series
SPECIFICATIONS
Notice for Mounting
The space from the top of the can shall be more than (3mm)
from chassis or other construction materials so that safety
vent has room to expand in case of emergency.
Sleeve Color: Dark
Blue
Can Top Safety Vent
Insulation Sleeve and
Minus Polarity Marking
(4.0mm Leads Available As Option)
D+1
Max.
L
± 2
6.3
± 1
0.8
10
(-)
(+)
MAXIMUM EXPANSION
FOR SAFETY VENT
Approx.
3.0mm
Recommended PC Board Mounting Holes:
10
± .1
∅= 2 ± 0.1
D
∅ ± 0.5
Chassis
PC Board
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Operating Temperature Range
-40 ~ +105°C
-25 ~ +105°C
Rated Voltage Range
10 ~ 250Vdc
450Vdc
Rated Capacitance Range
180 ~ 68,000
µF
56 ~ 470
µF
Capacitance Tolerance
±20% (M) at 120Hz, +20°C
Max. Leakage Current (
µA)
After 5 minutes (20°C)
3 x
C(
µF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
10
16
25
35
50
63
80
100 ~ 400
450
Tan
δ max.
0.55
0.45
0.35
0.30 0.25
0.20
0.17
0.15
0.20
Surge Voltage
W.V. (Vdc)
10
16
25
35
50
63
80
100
160
S.V. (Vdc)
13
20
32
44
63
79
100
125
200
W.V. (Vdc)
180
200
250
400
450
-
-
-
-
S.V. (Vdc)
220
250
300
450
500
-
-
-
-
Ripple Current
Correction Factors
Frequency (Hz)
50
60
100
120
500
1K
10K ~ 50K
-
-
Multiplier at 85°C
16 ~ 100Vdc
0.93
0.95
0.99
1.0
1.05
1.08
1.15
-
-
160 ~ 450Vdc 0.75
0.80
0.95
1.0
1.20
1.25
1.40
-
Low Temperature
Stability (10 to 250Vdc)
Temperature (°C)
0
-25
-40
-
-
-
-
-
-
Capacitance Change
-5%
-10
-30%
-
-
-
-
-
-
Impedance Ratio
1.5
3
9
-
-
-
-
-
-
Load Life Test
2,000 hours at +105°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +105°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
Per JIS-C-5141 (table #6, #4)
Surge voltage applied: 30 seconds
"On" and 5.5 minutes no voltage "Off"
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Refer to
MIL-STD-202F Method 210A
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NRLMW683M100V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW683M10V35X50F NIC-NRLMW683M10V35X50F Datasheet
94Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW683M100V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com