Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLMW332M100V25X50F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLMW332M100V25X50F
Description  Large Can Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW332M100V25X50F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLMW332M100V25X50F Datasheet HTML 1Page - NIC-Components Corp. NRLMW332M100V25X50F Datasheet HTML 2Page - NIC-Components Corp. NRLMW332M100V25X50F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
164
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLMW 471 M 250V 30X35 F
RoHS compliant
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
160
220
20x25
0.829
0.373
1.00
1.40
330
22x30
0.553
0.249
1.20
1.68
470
25x30
0.459
0.208
1.40
1.96
680
25x35
0.317
0.143
1.70
2.38
30x30
820
25x40
0.263
0.118
2.00
2.80
30x30
1,000
25x45
0.216
0.108
2.20
3.08
30x35
1,500
30x45
0.166
0.083
2.50
3.50
35x35
1,800
30x45
0.129
0.064
2.70
3.78
2,200
35x50
0.113
0.057
2.90
4.06
200
220
22x25
0.754
0.339
1.00
1.40
330
25x25
0.502
0.226
1.20
1.68
470
22x40
0.353
0.159
1.40
1.96
25x35
30x25
680
25x40
0.244
0.110
1.70
2.38
30x30
820
25x50
0.222
0.111
2.00
2.80
30x35
35x30
1,000
30x45
0.199
0.099
2.20
3.08
35x35
1,500
35x50
0.144
0.072
2.50
3.50
250
220
25x25
0.754
0.377
1.00
1.40
330
25x35
0.502
0.251
1.20
1.68
30x25
470
25x45
0.353
0.176
1.40
1.96
30x35
35x30
680
30x45
0.244
0.122
1.70
2.38
35x35
820
30x50
0.202
0.101
2.00
2.80
35x40
1,000
35x45
0.199
0.099
2.20
3.08
W.V.
Cap
(
µF)
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
400
68
25x25
1.950
0.683
0.56
0.78
82
25x25
1.617
0.566
0.64
0.90
100
25x30
1.325
0.464
0.69
0.97
150
25x40
0.884
0.309
0.82
1.15
30x30
220
25x50
0.603
0.211
1.10
1.54
30x40
35x30
330
30x50
0.402
0.161
1.35
1.89
35x40
470
35x50
0.282
0.127
1.75
2.45
450
56
22x25
2.368
0.947
0.40
0.56
68
25x25
1.950
0.683
0.50
0.70
82
22x35
1.617
0.647
0.56
0.78
100
25x30
1.326
0.531
0.64
0.90
30x25
150
25x40
0.884
0.354
0.79
1.11
30x30
220
30x40
0.678
0.271
1.00
1.40
35x30
330
30x50
0.502
0.201
1.38
1.93
35x40
470
35x50
0.353
0.123
1.74
2.44


Similar Part No. - NRLMW332M100V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW332M100V30X30F NIC-NRLMW332M100V30X30F Datasheet
94Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
NRLMW332M100V35X40F NIC-NRLMW332M100V35X40F Datasheet
94Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW332M100V25X50F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com