Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3228T5S Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC3228T5S
Description  LOW DISTORTION DOWN-CONVERTER AGC AMPLIFIER VIDEO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3228T5S Datasheet(HTML) 4 Page - California Eastern Labs

  UPC3228T5S Datasheet HTML 1Page - California Eastern Labs UPC3228T5S Datasheet HTML 2Page - California Eastern Labs UPC3228T5S Datasheet HTML 3Page - California Eastern Labs UPC3228T5S Datasheet HTML 4Page - California Eastern Labs UPC3228T5S Datasheet HTML 5Page - California Eastern Labs UPC3228T5S Datasheet HTML 6Page - California Eastern Labs UPC3228T5S Datasheet HTML 7Page - California Eastern Labs UPC3228T5S Datasheet HTML 8Page - California Eastern Labs UPC3228T5S Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA =+25 C, VCC = 5 V, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
I
t
n
e
r
r
u
C
t
i
u
c
r
i
C
CC
No input signal
Note 1
65
85
110
mA
AGC Voltage High Level
VAGC (H)
@ Maximum gain
Note 1
2.5
3.5
V
AGC Voltage Low Level
VAGC (L)
@ Minimum gain
Note 1
0
V
RF Characteristics
(RF AGC Amplifier Block + Mixer Block + Driver Amplifier: fRF = 80 MHz, fLO = 130 MHz, PLO = 10 dBm, ZS = 50
, ZL = 400
/16 pF)
RF Input Frequency Range
fRF
fC = 3 dB
Note 1
20
800
MHz
RF Gain Control Range
GCR1
VAGC = 0 to 2.5 V
Note 1
62
70
dB
Mixer Conversion Gain
CG
VAGC = 2.5 V
Differential-IN: Vin = +18 dBmV Note 1
25
28
31
dB
3rd Order Intermodulaion Distortion
IM31
f1 = 44 MHz, f2 = 45 MHz,
Vin = +30 dBmV/tone,
Single Ended-OUT = 0.5 Vp-p/tone
Note 1
47
57
dBc
V
1
F
N
e
r
u
g
i
F
e
s
i
o
N
AGC
= 2.5 V, f = 50 MHz,
Differential-Output
Note 2
8.3
dB
IF Characteristics
(IF Amplifier Block + Driver Amplifier: fIF = 50 MHz, ZS = 50
, ZL = 2 100
)
IF Input Frequency Range
fIF
fC = 3 dB
Note 5
20
100
MHz
G
n
i
a
G
r
e
i
f
il
p
m
A
F
I
V
Vin = 7 dBmV,
Differential-IN/OUT
Note 5
56
59
62
dB
3rd Order Intermodulaion Distortion
IM32
f1 = 49.5 MHz, f2 = 50.5 MHz,
Vout = 110 dBu/tone,
Differential-IN/OUT
Note 5
45
55
dBc
V
e
g
a
t
l
o
V
t
u
p
t
u
O
F
I
out
Single Ended-Output
Note 5
1.0
Vp-p
V
2
F
N
e
r
u
g
i
F
e
s
i
o
N
AGC
= 0 V, f = 50 MHz,
Single Ended-Output
Note 2
3.0
dB
Total Block (RF AGC Amplifier + Mixer + Driver Amplifier + SAW Filter + IF Ampliter + Driver Amplifier),
SAW Filter : EPCOS X6889M (fIF = 49 MHz, PLO = 10 dBm, fRF = 70 to 130 MHz, ZS =50
, ZL = 1 050
)
O
L
e
g
a
k
a
e
L
F
R
-
O
L
RF
VAGC = 2.5 V, 22-pin 75
Termination
fLO = 110 to 180 MHz
Note 3
54
44
dBmV
O
L
e
g
a
k
a
e
L
F
I
-
O
L
IF
VAGC = 2.5 V,
Vout = 0.7 Vp-p Single Ended-Output
fRF = 130 MHz, fLO = 179 MHz Note 4
40
25
dBc
Notes 1. By measurement circuit 1
2. By measurement circuit 2
3. By measurement circuit 3
4. By measurement circuit 4
5. By measurement circuit 5
Data Sheet PU10623EJ01V0DS
4
PC3228T5S


Similar Part No. - UPC3228T5S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3228T5S RENESAS-UPC3228T5S Datasheet
370Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
UPC3228T5S-E2 RENESAS-UPC3228T5S-E2 Datasheet
370Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
UPC3228T5S-E2-A RENESAS-UPC3228T5S-E2-A Datasheet
370Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC3228T5S

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
LP502 GENNUM-LP502 Datasheet
106Kb / 4P
   Low Distortion AGC Compression Amplifier
logo
List of Unclassifed Man...
GC4130A ETC1-GC4130A Datasheet
198Kb / 4P
   GC4130A Low Distortion AGC Amplifier
LD502 ETC-LD502 Datasheet
159Kb / 4P
   Low Distortion AGC Compression Amplifier
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com