Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNPO1R5K100B0 Datasheet(PDF) 8 Page - Sharma Electro Components,Inc

Part # SNPO1R5K100B0
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO1R5K100B0 Datasheet(HTML) 8 Page - Sharma Electro Components,Inc

Back Button SNPO1R5K100B0 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 9Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 10Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 11Page - Sharma Electro Components,Inc SNPO1R5K100B0 Datasheet HTML 12Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MULTILAYER
CERAMIC LEADED
CAPACITORS
Introduction:
Series Specifications:
COG/NPO
X7R
Y5V
Z5U
Temperature Range in °C:
-55 to +125
-55 to +125
-30 to +85
+10 to +85
Dissipation Factor % @25°C & 1KHz:
0.25 max
3.0 max
6.0 max
4.0 max
Insulation Resistance @25°C:
1 G Ohm or
1 G Ohm or
1 G Ohm or
1 G Ohm or
(minimum of)
100 Ohm F
100 Ohm F
100 Ohm F
100 Ohm F
Overload Voltage(25°C) 5 seconds max:
2x rated voltage
2x rated voltage
2x rated voltage
2x rated voltage
Temperature Coefficient:
±30ppm/°C
±15% chg.
-82 to +22% chg.
-56 to +22% chg.
Tolerance options:
J(5%), K(10%)
K(10%), M(20%)
M(20%), Z(-20 to +80%)
M(20%), Z(-20 to +80%)
Radial Epoxy coated multilayer ceramic capacitors available in popular COG(NPO), X7R, Y5V and Z5U dielectrics. Ideal for industrial and
general purpose electronic applications. These capacitors are available in both Bulk and Tape & Reel packing for automatic insertion.
L
H
T
COG(NPO)
X7R
Y5V
Z5U
25V
10-3300pF
220pF-1uF
.01-.1uF
.01-.22uF
A,B
50V
10-2200pF
220pF-.1uF
.01-.68uF
.01-.1uF
A,B
100V
10-1000pF
220pF-.068uF
A,B
25V
10-4700pF
1000pF-1uF
.01-1.2uF
.01-.33uF
A,B
50V
10-4700pF
1000pF-.1uF
.01-1uF
.01-.22uF
A,B
100V
10-3300pF
1000pF-.068uF
A,B
25V
560pF-.01uF
1000pF-.33uF
.1-2.2uF
.1-1uF
B
50V(63V)
560pF-6800pF
1000pF-2uF
.1-2.2uF
.1-1uF
B
100V
560pF-4700pF
1000pF-1uF
B
25V
1000pF-.015uF
.01-.47uF
.15-3.3uF
.68-2.2uF
B
50V(63V)
1000pF-.01uF
.01-.33uF
.15-3.3uF
.68-2.2uF
B
100V
1000-6800pF
.01-.15uF
B
25V
1000pF-.022uF
.01-1uF
1-4.7uF
1.5-3.3uF
B
50V(63V)
1000pF-.022uF
.01-1uF
1-4.7uF
1.5-3.3uF
B
100V
1000pF-.01uF
.01-.47uF
B
Voltage
Size Dimensions
CASE CODE/ CAPACITANCE, VOLTAGE, LEAD STYLE OPTIONS TABLE
Note: Extended capacitance range values; special voltages, tolerances, lead spacing and forming may be available on factory approval.
Lead
Style
Capacitance Range
1206
1210
1812
2225
8.5mm
max.
7.5mm
max.
5.0mm
max.
10.5mm
max.
10mm
max.
6.5mm
max.
5.5mm
max.
6.0mm
max.
4.5mm
max.
6.5mm
max.
7.5mm
max.
5.0mm
max.
Case
Code
4.1mm
max.
3.8mm
max.
3.2mm
max.
0805
Series:
Packaging:
RNPO, RX7R, RY5V, RZ5U
Voltage Code:
Case Code:
T - Taped
025 - 25V
05 - 0805
B - Bulk
050 - 50V
06 - 1206
Tolerance Code:
J (5%)
063 - 63V
10 - 1210
Lead Style:
K (10%)
100 - 100V
12 - 1812
A - 2.5mm
M (20%)
25 - 2225
B - 5.0mm
Z (-20/+80%)
PART NUMBERING EXPLANATION
Capacitor Value:
3 digit EIA Code
Radial Leaded Series
Features
COG(NPO) & X7R dielectrics in 25, 50 and 100 Volt rating.
Y5V and Z5U in 25, 50, and 63 Volt rating.
Radial configuration with choice of 2 standard lead spacing.
Available in Bulk and Tape & Reel Packing (EIA Standard).
L
H
T
7.0mm min.
(0.28" min.)
s
s
Style
A
Style
B
0.5mm
(0.02")
Style
A : s = 2.5± 0.5mm
Style
B : s = 5.0 ±0.5mm
Sharma Ceramic Capacitors
Page 8
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SNPO1R5K100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO1R5C050B0 SHARMA-SNPO1R5C050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B1 SHARMA-SNPO1R5C050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B2 SHARMA-SNPO1R5C050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T0 SHARMA-SNPO1R5C050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T1 SHARMA-SNPO1R5C050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SNPO1R5K100B0

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com