Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV3460A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # SMV3460A
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SMV3460A Datasheet(HTML) 1 Page - Z-Communications, Inc

  SMV3460A Datasheet HTML 1Page - Z-Communications, Inc SMV3460A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-130
-120
-110
-100
-90
-80
-70
-60
-50
1 E+3
10 E+3
100 E+3
SMV3460A
Personal Communications Systems
WLAN
Portable Radios
3
14
5±3
3320
0.5-2.2
220
-88
-20
<7
<7
50
50
-40 to 85
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (14 dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
SUB-L
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
3320 3600
-
MHz
• Frequency Range:
• Tuning Voltage:
0.5-2.2 Vdc
- Style Package
SUB-L
B2
Rev
AN-100/1 : Mounting and Grounding of VCOs
AN-102 : Proper Output Loading of VCOs
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
- 3600
OFFSET (Hz)


Similar Part No. - SMV3460A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SMV3460A-LF ZCOMM-SMV3460A-LF Datasheet
73Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SMV3460A-LF ZCOMM-SMV3460A-LF Datasheet
70Kb / 2P
   Voltage-Controlled Oscillator
More results

Similar Description - SMV3460A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com