Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWA470M16V16X25TBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWA470M16V16X25TBF
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWA470M16V16X25TBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWA470M16V16X25TBF Datasheet HTML 1Page - NIC-Components Corp. NRWA470M16V16X25TBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
64
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
65
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Size (D
∅ x L)
Tape and Reel*
NRWA 221 M 50V 10x16
Series
TR
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
Miniature Aluminum Electrolytic Capacitors
LEAD SPACING AND DIAMETER (mm)
NRWA Series
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
RIPPLE CURRENT CORRECTION FACTOR
1. Temperature Factor
2. Frequency Factor
(
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
o
)
C
≤ 5
6
+
5
7
+
5
8
+
5
0
1
+
e
t
a
R
n
o
it
c
e
r
r
o
C
0
6
.
1
0
4
.
1
0
4
.
1
0
0
.
1
µ �
��
D
(
.
a
i
D
e
s
a
C
∅)
5
3
.
6
8
0
1
5
.
2
1
6
1
8
1
d
(
.
a
i
D
s
d
a
e
L
∅)
5
.
0
5
.
0
6
.
0
6
.
0
6
.
0
8
.
0
8
.
0
)
F
(
g
n
i
c
a
p
S
d
a
e
L
0
.
2
5
.
2
5
.
3
0
.
5
0
.
5
5
.
7
5
.
7
.
m
i
D
α
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
)
z
H
(
y
c
n
e
u
q
e
r
F
0
5
0
2
1
0
0
3
K
1
K
0
1
K
0
0
1
3
.
3
~
7
4
.
0
µF
5
6
.
0
0
0
.
1
5
3
.
1
5
7
.
1
0
3
.
2
0
5
.
2
3
3
~
7
.
4
µF
5
7
.
0
0
0
.
1
5
2
.
1
0
5
.
1
5
7
.
1
0
8
.
1
0
0
0
1
~
7
4
µF
0
8
.
0
0
0
.
1
5
1
.
1
0
3
.
1
0
4
.
1
0
5
.
1
0
0
0
0
1
~
0
0
2
2
µF
5
8
.
0
0
0
.
1
3
0
.
1
5
0
.
1
8
0
.
1
8
0
.
1
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
*see tape specification for details


Similar Part No. - NRWA470M16V16X25TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWA470M16V5x11F NIC-NRWA470M16V5x11F Datasheet
96Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWA470M16V16X25TBF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com