Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8567SA389-BC Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8567SA389-BC
Description  EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8567SA389-BC Datasheet(HTML) 2 Page - California Eastern Labs

  NX8567SA389-BC Datasheet HTML 1Page - California Eastern Labs NX8567SA389-BC Datasheet HTML 2Page - California Eastern Labs NX8567SA389-BC Datasheet HTML 3Page - California Eastern Labs NX8567SA389-BC Datasheet HTML 4Page - California Eastern Labs NX8567SA389-BC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NX8567SA SERIES
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = -5 to +70°C, Unless otherwise speciÞed)
PART NUMBER
NX8567SA SERIES
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
DP
Dispension Penalty, IFLD = Iop, SMF Under modulation2,4
dB
2
IS
Isolation
dB
23
S11
Input Return Loss
IFLD = Iop, VEA = -1 V, 50 Ω
130 MHz to 2 GHz
dB
––
-8
IFLD = Iop, VEA = -1 V, 50 Ω
2 GHz to 2.5 GHz
––
-5
Notes:
1. Tset is a certain point between 20 and 35C for ITU-T grid wavelength
2. 2.48832 Gb/s, PRBS 223 -1, VEA = Vcenter ±1/2 Vmod, IFLD = Iop, TLD = Tset, NEC Test System
Vcenter
: a certain point between -2.0 and -0.5 V
Vmod
: a certain point 3 V or below
Iop
: a certain point between 50 and 80 mA
3. Available for DWDM wavelenght based on ITU-T recommendation (100 GHz grid). Please refer to ORDERING INFORMATION.
4. BER = 10-10, NX8567SAS: 240 km(4320 ps/nm)
BER = 10-10, NX8567SAM: 360 km (6480 ps/nm)
BER = 10-10, NX8567SA: 600 km (10800 ps/nm)
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD, TLD = Tset, T
C = -5 to +70°C, BOL)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Im (Pf)
Monitor Current (Pf Monitor), VRPD = 5 V, IFLD = Iop
µA10
200
Im (λp)
Monitor Current (λp Monitor), VRPD = 5 V, IFLD = Iop, Locking point
µA5
100
Im (λ)
Operation Region
%
25
75
12|
pm
90
ηλ
Discrimination Slope1, VRPD = 5 V, IFLD = Iop, Locking point
µA/pm
0.24
ID
Dark Current, VRPD = 5 V, VEA = 0 V
nA
10
Ct
Terminal Capacitance, VRPD = 5 V, f = 1 MHz
pF
15
γ2
Tracking Error, Im(Pf) = const.
dB
0.5
Note:
1. Operating region, Discrimination slope, Slope assignment
0
Im (λ)
Im @100%
Im p)
Im @0%
I1: Im @75%
I2: Im @25%
λ1
λ2
λp
λ (nm)
Locking point
Negative Slope
Operation region
0
Im (λ)
Im @100%
Im p)
Im @0%
I2: Im @75%
I1: Im @25%
λ1
λ2
λp
λ (nm)
Locking point
Positive Slope
Operation region
λ1 – λ2
I1 – I2
λ
=
[ A/pm]
η
µ
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25ûC
TLD = Tset, TC = –20 to +70ûC
Pop
Pf
γ = 10 log
[dB]
Pf
Pop
2. Tracking error:
γ


Similar Part No. - NX8567SA389-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8567SA389-BC RENESAS-NX8567SA389-BC Datasheet
267Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8567SA389-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com