Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8125GR Datasheet(PDF) 7 Page - NEC

Part # UPC8125GR
Description  SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8125GR Datasheet(HTML) 7 Page - NEC

Back Button UPC8125GR_99 Datasheet HTML 3Page - NEC UPC8125GR_99 Datasheet HTML 4Page - NEC UPC8125GR_99 Datasheet HTML 5Page - NEC UPC8125GR_99 Datasheet HTML 6Page - NEC UPC8125GR_99 Datasheet HTML 7Page - NEC UPC8125GR_99 Datasheet HTML 8Page - NEC UPC8125GR_99 Datasheet HTML 9Page - NEC UPC8125GR_99 Datasheet HTML 10Page - NEC UPC8125GR_99 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC8125GR
ERROR VECTOR MAGNITUDE,
AMPLITUDE ERROR, PHASE ERROR,
AND I/Q OFFSET vs. I/Q INPUT AMPLITUDE
POWER SAVE RISE TIME
vs. SUPPLY VOLTAGE
POWER SAVE FALL TIME
vs. SUPPLY VOLTAGE
ERROR VECTOR MAGNITUDE
vs. SUPPLY VOLTAGE
I/Q Input Amplitude, VI/QIN (mVP-P)
Supply Voltage, VCC (V)
Supply Voltage, VCC (V)
Supply Voltage, VCC (V)
ERROR VECTOR MAGNITUDE, AMPLITUDE
ERROR, PHASE ERROR, AND I/Q OFFSET
vs. AGC CONTROL VOLTAGE
AGC Control Voltage, VAGC (V)
ADJACENT CHANNEL POWER
vs. I/Q INPUT AMPLITUDE
I/Q Input Amplitude, VI/QIN (mVP-P)
-50
-60
-70
-80
100
200
500
1000
MOD Pattern: PN9
∆f = ±600 kHz
∆f = ±900 kHz
10
8
6
4
2
0
01
2
3
-50
-40
-30
-20
MOD Pattern: PN9
I/Q Offset
EVM
∆A
∆φ
10
-60
-50
-40
-30
-20
8
6
4
2
0
100
200
500
1000
∆A
EVM
I/Q Offset
∆φ
MOD Pattern: PN9
4
3
2
1
0
2
3
456
5.5V
2.7V
3.0V
VPS (Low)   VPS (High)
8
7
6
5
4
3
2
1
0
2
345
6
VPS (High)   VPS (Low)
5
4
3
2
1
0
23
45
6
4.5
3.5
2.5
1.5
0.5
MOD Pattern: PN9


Similar Part No. - UPC8125GR_99

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR-E1 NEC-UPC8125GR-E1 Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8125GR-E1 NEC-UPC8125GR-E1 Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
More results

Similar Description - UPC8125GR_99

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
   TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
   UPCONVERTER MODULATOR
logo
RF Micro Devices
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com