Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 1 Page - NEC

Part # UPC8158K
Description  AGC/UP-CONVERTER WITH IQ MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 1 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AGC/UP-CONVERTER
WITH IQ MODULATOR
UPC8158K
DESCRIPTION
The UPC8158K is a silicon microwave monolithic integrated
circuit designed as a quadrature modulator for digital mobile
communication systems. This MMIC consist of a 0.8 GHz to
1.5 GHz up-converter and 100 MHz to 300 MHz quadrature
modulator which are equipped with AGC and power save
functions. This configuration suits IF modulation systems and
is packaged in a 28-pin QFN suitable for high density
mounting. The chip is manufactured using NEC's 20 GHz fT
silicon bipolar process NESATTM III to realize low power
consumption. Consequently the UPC8158K can contribute to
make RF blocks smaller size, higher performance and lower
power consumption.
FEATURES
• SUPPLY VOLTAGE:
VCC = 2.7 to 4.0 V, ICC = 28 mA @ VCC = 3.0 V
• BUILT-IN LPF:
Suppresses spurious multipled by TX local (LO1)
• AGC AMPLIFIER INSTALLED IN LOCAL PORT OF
UPCONVERTER:
GCR = 35 dB MIN. @ fout = 1.5 GHz
• EXCELLENT PERFORMANCE:
Padj = -65dBc TYP. @
∆f = ±50 KHz, EVM = 1.2 %rms TYP.
• EXTERNAL IF FILTER:
Can be applied between modulator output and
up converter input terminal
APLICATIONS
• Digital cellular phones
(PDC800M, PDC1.5G,TDMA1900 and so on)
• Wireless Communiaction Systems
(MMDS, Broadband wireless access)
California Eastern Laboratories
Note:
1. Without external LC between Fil1 and Fil2 pin on this frequency conditions. Spectrum analyzer conditions: VBW = 300 Hz, RBW = 300 Hz.
PART NUMBER
UPC8158K
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
UP-CONVERTER + QUADRATURE MODULATOR TOTAL
ICC (TOTAL)
Total Circuit Current, No input signal
mA
23.7
28
37.6
ICC(PS) TOTAL
Total Circuit Current at Power Save Mode, VPS
≤ 0.5 V(low), No input signal
µA
0.3
10
PRFout1
Total Output Power 1, VAGC = 2.5 V
dBm
-15
-11.5
-8
PRFout2
Total Output Power 2, VAGC = 1.0 V
dBm
-56.5
-52
-46.5
LOL
LO Carrier Leak, fLOL = fLO1 + fLO2
dBc
-40
-30
ImR
Image Rejection (Side Band Leak)
dBc
-40
-30
IM3(I/Q)
I/Q 3rd Order Distortion
dBc
-50
-30
GCR
AGC Gain Control Range, VAGC = 2 V
→1 V
dB
35
40
EVM
Error Vector Magnitude, MOD Pattern PN9
%rms
1.2
3.0
Padj
Adjacent Channel Interference,
∆f = ±50KHz, MOD Pattern: PN9
dBc
-65
-60
Pout(8fLO1)
Spurious Suppression, fLO1
× 8, fLO1 × 8 (image)Note
dBc
-70
-65
TPS(Rise)
Power Save Rise Time, VPS(Low)
→ VPS(High)
µs2
5
TPS(Fall)
Power Save Fall Time, VPS(High)
→ VPS(Low)
µs2
5
ZI/Q
I/Q Input Impedance, Between pin I/Ib, Q/Qb
k
80
200
II/Q
I/Q Input Bias Current, Between pin I/Ib, Q/Qb
µA5
13
ZLO1
LO1 Input VSWR, fLO1 = 100 M to 300 MHz
-
1.5 :1
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC1 = VCC2 = VCC3 = 3.0 V, VPS/VAGC = 2.5 V)
123
4
5
67
8
22
21
20
19
18
17
16
15
14
13
12
11
10
9
23
24
25
26
27
28
Phase
Shifter
I/Q-Mix
Reg
Reg
LPF
AGC
Up-Mix
AGCcont
INTERNAL BLOCK DIAGRAM


Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com