Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8172TB Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC8172TB
Description  SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8172TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC8172TB Datasheet HTML 1Page - California Eastern Labs UPC8172TB Datasheet HTML 2Page - California Eastern Labs UPC8172TB Datasheet HTML 3Page - California Eastern Labs UPC8172TB Datasheet HTML 4Page - California Eastern Labs UPC8172TB Datasheet HTML 5Page - California Eastern Labs UPC8172TB Datasheet HTML 6Page - California Eastern Labs UPC8172TB Datasheet HTML 7Page - California Eastern Labs UPC8172TB Datasheet HTML 8Page - California Eastern Labs UPC8172TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5
0
-5
-10
-15
-20
-25
-30
-25
-20
-15
-10
-5
0
5
10
fRFout = 1.9 GHz
fLOin = 1660 MHz
PLOin = -5 dBm
VCC = VPS
VCC = 3.0 V
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC8172TB
RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)
15
10
5
0
–5
–10
–15
–30
–25
–20
–15
–10
–5
0
5
10
VCC = 3.0 V
fRFout = 2.4 GHz
fLOin = 2160 MHz
PIFin = –30 dBm
VCC = VPS
5
0
–5
–10
–15
–20
–25
–30
–25
–20
–15
–10
–5
0
5
10
VCC = 3.0 V
fRFout = 2.4 GHz
fLOin = 2160 MHz
PLOin = –5 dBm
VCC = VPS
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–30
–25
–20
–15
–10
–5
0
5
TA = +25ºC
Vcc = VPS = 3.0 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1140 MHz
PLOin = –5 dBm
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–30
–25
–20
–15
–10
–5
0
5
TA = +25ºC
Vcc = VPS = 3.0 V
fRFout = 1.9 GHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1660 MHz
PLOin = –5 dBm
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–30
–25
–20
–15
–10
–5
0
5
TA = +25ºC
Vcc = VPS = 3.0 V
fRFout = 2.4 GHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 2160 MHz
PLOin = –5 dBm
RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)
CONVERSION GAIN
vs. LOCAL INPUT LEVEL
Local Input Level, PLOin (dBm)
IM3, RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)
IM3, RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)
IM3, RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8187TB NEC-UPC8187TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-32563 BOARDCOM-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1122 TI-TRF1122_07 Datasheet
343Kb / 10P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com