Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8172TB-E3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC8172TB-E3-A
Description  SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8172TB-E3-A Datasheet(HTML) 3 Page - California Eastern Labs

  UPC8172TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 8Page - California Eastern Labs UPC8172TB-E3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC8172TB
TA = +25°C
TA = -40°C
TA = +85°C
no signal
VCC = VPS
12
10
8
6
4
2
0
01
2
3
4
12
10
8
6
4
2
0
01
2
3
4
VCC = 3.0 V
15
10
5
0
-5
-10
-15
-30
-25
-20
-15
-10
-5
0
5
10
fRFout = 900 MHz
fLOin = 1140 MHz
PIFin = -30 dBm
VCC = VPS
VCC = 3.0 V
5
0
-5
-10
-15
-20
-25
-30
-25
-20
-15
-10
-5
0
5
10
fRFout = 900 MHz
fLOin = 1140 MHz
PLOin = -5 dBm
VCC = VPS
VCC = 3.0 V
15
10
5
0
-5
-10
-15
VCC = 3.0 V
fRFout = 1.9 GHz
fLOin = 1660 MHz
PLOin = -30 dBm
VCC = VPS
-30
-25
-20
-15
-10
-5
0
5
10
CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
Supply Voltage, VCC (V)
PS Pin Input Voltage, VPS (V)
PS PIN CONTROL RESPONSE TIME
CONVERSION GAIN
vs. LOCAL INPUT LEVEL
Local Input Level, PLOin (dBm)
CIRCUIT CURRENT
vs. PS PIN INPUT VOLTAGE
RF OUTPUT LEVEL
vs. IF INPUT LEVEL
IF Input Level, PIFin (dBm)
CONVERSION GAIN
vs. LOCAL INPUT LEVEL
Local Input Level, PLOin (dBm)
REF LVL = 0 dBm
ATT = 10 dB
10 dB/DIV (Vertical axis)
CENTER = 0.9 GHz
SPAN = 0 Hz
RBW = 3 MHz
VBW = 3 MHz
SWP = 50 µsec
5 µsec/DIV (Horizontal axis)


Similar Part No. - UPC8172TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Renesas Technology Corp
UPC8172TB-E3 RENESAS-UPC8172TB-E3 Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8172TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8187TB NEC-UPC8187TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-32563 BOARDCOM-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1122 TI-TRF1122_07 Datasheet
343Kb / 10P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com