Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8178TB-E3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC8178TB-E3-A
Description  SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8178TB-E3-A Datasheet(HTML) 3 Page - California Eastern Labs

  UPC8178TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC8178TB-E3-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TEST CIRCUIT 1 (f = 1.0 GHz)
UPC8178TB
EXAMPLE OF TEST CIRCUIT 1 ASSEMBLED ON EVALUATION BOARD
1.0 GHz Output Port Matching
C1, C3, C5
1000 pF
C2
0.75 pF
C4
10 pF
L1
12 nH
COMPONENT LIST
VCC
C3
C1
C4
C2 C3
1
6
4
L1
Output port matching circuit
50 Ω
OUT
50Ω
IN
2, 3, 5
C1
C4
C2
C5
C3
Connector
Top View
Connector
IN
OUT
Mounting direction
f = 1.0 GHz


Similar Part No. - UPC8178TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TB-E3 NEC-UPC8178TB-E3 Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8178TB-E3 RENESAS-UPC8178TB-E3 Datasheet
418Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8178TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com