Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9328MXLDVP15 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC9328MXLDVP15
Description  MX Family of applications processors
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MXLDVP15 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9328MXLDVP15 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9328MXLDVP15 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Signals and Connections
MC9328MXL Technical Data, Rev. 8
Freescale Semiconductor
11
NVDD1
N4
P3
EB0
O
NVDD1
M4
N3
D10
I/O
69K
NVDD1
P4
P1
A3
O
NVDD1
R3
N2
EB1
O
NVDD1
N5
P2
D9
I/O
69K
NVDD1
R4
R1
EB2
O
NVDD1
P5
T2
A2
O
NVDD1
M5
R2
EB3
O
NVDD1
N6
R5
D8
I/O
69K
NVDD1
R5
T3
OE
O
NVDD1
P6
R3
A1
O
NVDD1
L7
T4
CS5
O
PA23
69K
PA23
NVDD1
R6
N4
D7
I/O
69K
NVDD1
M7
R4
CS4
O
PA22
69K
PA22
NVDD1
R7
N5
A0
O
PA21
69K
A0
NVDD1
N7
P4
CS3
OCSD1
CSD1
NVDD1
P7
P5
D6
I/O
69K
NVDD1
K3
T5
CS2
OCSD0
CSD0
NVDD1
R8
M5
SDCLK
O
NVDD1
M8
T6
CS1
O
NVDD1
N8
T7
CS0
O
NVDD1
P8
R6
D5
I/O
69K
NVDD1
L9
P6
ECB
I
ETMTRAC
EPKT7
PA20
69K
ECB
NVDD1
R9
N6
D4
I/O
69K
NVDD1
R10
R7
LBA
O
ETMTRAC
EPKT6
PA19
69K
LBA
NVDD1
R11
P8
D3
I/O
69K
NVDD1
M9
R8
BCLK
ETMTRAC
EPKT5
PA18
69K
BCLK
NVDD1
L8
P7
D2
I/O
69K
NVDD1
N9
N7
PA17
ETMTRAC
EPKT4
PA17
69K
SPI2_
SS
DTACK
PA17
NVDD1
K10
N8
D1
I/O
69K
NVDD1
M10
M7
RW
NVDD1
P10
T8
MA11
O
NVDD1
P9
M8
MA10
O
NVDD1
N10
R9
D0
I/O
69K
NVDD1
R12
P9
DQM3
O
Table 3. MC9328MXLMC9328MXS Signal Multiplexing Scheme (Continued)
I/O Supply
Voltage
225
BGA
Ball
256
BGA
Ball
Primary
Alternate
GPIO
AIN
BIN
AOUT
Default
Signal
Dir
Pull-
Up
Signal
Dir
Mux
Pull
-Up


Similar Part No. - MC9328MXLDVP15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXLDVP20 FREESCALE-MC9328MXLDVP20 Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
More results

Similar Description - MC9328MXLDVP15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
Cree, Inc
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com