Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13191 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
Freescale Semiconductor
11
Figure 6. SPI Interface
Although the SPI port is fully static, internal memory, timer, and interrupt arbiters require an internal clock
(CLKcore) derived from the crystal reference oscillator, to communicate from the SPI registers to internal
registers and memory.
6.2.1
SPI Burst Operation
The SPI port of an MCU transfers data in bursts of 8 bits with most significant bit (MSB) first. The master
(MCU) can send a byte to the slave (transceiver) on the MOSI line and the slave can send a byte to the
master on the MISO line. Although an MC13191 transaction is three or more SPI bursts long, the timing
of a single SPI burst is shown in Figure 6.
Figure 7. SPI Single Burst Timing Diagram.
SPI digital timing specifications are shown in Table 6.
Shift Register
Baud Rate
Generator
Shift Register
Chip Enable (CE)
RxD
MISO
TxD
MOSI
Sclk
SPICLK
MCU
MC13191
CE
1
23
4
5
6
7
8
CE
SPICLK
T1
T2
T4
T0
SPI Burst
Valid
T5
T6
T3
Valid
T7
MISO
MOSI
Valid


Similar Part No. - 13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13191 FREESCALE-13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Similar Description - 13191

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com