Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13201 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13201 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13201 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
6
Freescale Semiconductor
Figure 4. Reported Power Level versus Input Power in CCA Mode
Figure 5. Reported Power Level Versus Input Power for Energy Detect or Link Quality Indicator
4.3
Transmit Path Description
For the transmit path, the TX data that was previously stored in TX Packet RAM is retrieved, formed into
packets per the 802.15.4 PHY, spread, and then up-converted to the transmit frequency.
Because the MC13201 is used in packet mode, data is processed as an entire packet. The data is first loaded
into the TX buffer. The MCU then requests that the MC13201 transmit the data. The MCU is notified via
an interrupt when the whole packet has successfully been transmitted.
-100
-90
-80
-70
-60
-50
-90
-80
-70
-60
-50
Input Power (dBm)
802.15.4 Accuracy
and range Requirements
-85
-75
-65
-55
-45
-35
-25
-15
-85
-75
-65
-55
-45
-35
-25
-15
Input Power Level (dBm)
802.15.4 Accuracy
and Range Requirements


Similar Part No. - MC13201

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FC FREESCALE-MC13201FC Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201FCR2 FREESCALE-MC13201FCR2 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Similar Description - MC13201

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com