Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP1773ED Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP1773ED
Description  1.75x3.9mm RECTANGULAR LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1773ED Datasheet(HTML) 1 Page - Kingbright Corporation

  WP1773ED Datasheet HTML 1Page - Kingbright Corporation WP1773ED Datasheet HTML 2Page - Kingbright Corporation WP1773ED Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAF2559
REV NO: V.1
DATE: APR/19/2005
PAGE: 1 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1101003140
Package Dimensions
WP1773ED
ORANGE
Description
The Orange source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Orange Light
Emitting Diode.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
1.75x3.9mm RECTANGULAR LED LAMP
Features
LOW POWER CONSUMPTION.
I.C. COMPATIBLE.
ROUNDED END RECTANGULAR SHAPE.
LONG LIFE-SOLID STATE RELIABILITY.
RoHS COMPLIANT


Similar Part No. - WP1773ED

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1773GD KINGBRIGHT-WP1773GD Datasheet
77Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773HD KINGBRIGHT-WP1773HD Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773ID KINGBRIGHT-WP1773ID Datasheet
75Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773YD KINGBRIGHT-WP1773YD Datasheet
77Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
More results

Similar Description - WP1773ED

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773YD KINGBRIGHT-WP1773YD Datasheet
77Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP2773HD KINGBRIGHT-WP2773HD Datasheet
263Kb / 6P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773GD KINGBRIGHT-WP1773GD Datasheet
77Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP2773ID KINGBRIGHT-WP2773ID Datasheet
263Kb / 6P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773ID KINGBRIGHT-WP1773ID Datasheet
75Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP2773YD KINGBRIGHT-WP2773YD Datasheet
263Kb / 6P
   1.75x3.9mm RECTANGULAR LED LAMP
WP1773HD KINGBRIGHT-WP1773HD Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP2773ED KINGBRIGHT-WP2773ED Datasheet
262Kb / 6P
   1.75x3.9mm RECTANGULAR LED LAMP
WP2773GD KINGBRIGHT-WP2773GD Datasheet
263Kb / 6P
   1.75x3.9mm RECTANGULAR LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com