Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP4060VH-2GD Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP4060VH-2GD
Description  1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP4060VH-2GD Datasheet(HTML) 4 Page - Kingbright Corporation

  WP4060VH-2GD Datasheet HTML 1Page - Kingbright Corporation WP4060VH-2GD Datasheet HTML 2Page - Kingbright Corporation WP4060VH-2GD Datasheet HTML 3Page - Kingbright Corporation WP4060VH-2GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAE9382
REV NO: V.7
DATE: MAY/19/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102001280
PACKING & LABEL SPECIFICATIONS
WP4060VH/2GD


Similar Part No. - WP4060VH-2GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060VH-2ID KINGBRIGHT-WP4060VH-2ID Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2SRD KINGBRIGHT-WP4060VH-2SRD Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2YD KINGBRIGHT-WP4060VH-2YD Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
More results

Similar Description - WP4060VH-2GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060VH-GID KINGBRIGHT-WP4060VH-GID Datasheet
405Kb / 6P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-IGD KINGBRIGHT-WP4060VH-IGD Datasheet
404Kb / 6P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2SRD KINGBRIGHT-WP4060VH-2SRD Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2YD KINGBRIGHT-WP4060VH-2YD Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP4060VH-2ID KINGBRIGHT-WP4060VH-2ID Datasheet
247Kb / 4P
   1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR
WP406A10XHA-X2GD KINGBRIGHT-WP406A10XHA-X2GD Datasheet
390Kb / 5P
   1.8mm Tri-Level Circuit Board Indicator
logo
Dialight Corporation
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com