|
| WP4060VH-2YD |
|
||
|
KINGBRIGHT |
|
4 page
SPEC NO: DSAE9385 REV NO: V.6 DATE: MAY/19/2007 PAGE: 4 OF 4 APPROVED: WYNEC CHECKED: Allen Liu DRAWN: Y.L.LI ERP: 1102001291 PACKING & LABEL SPECIFICATIONS WP4060VH/2YD |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WP4060VH-2GD | 1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP4060VH-2ID | 1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP4060VH-2SRD | 1.8mm BI-LEVEL CIRCUIT BOARD INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP934FG-2ID | T-1 3mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP1503EB-2SRD | T-1 3/4 5mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP73EB-2GDA | 4.8mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP934FG-2SRD | T-1 3mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP1503EB-2YD | T-1 3/4 5mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP73EB-2IDA | 4.8mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
| WP934FG-2YD | T-1 3mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |