Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14468 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC14468
Description  Low-Power CMOS Ionization Smoke Detector IC with Interconnect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14468 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MC14468 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Sensors
6
Freescale Semiconductor
MC14468
Figure 7. Timing Diagram
Notes:
1. Horn modulation is self-completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off.
2. Comparators are strobed on once per clock cycle (1.67 s for no smoke, 40 ms for smoke).
3. Low battery comparator information is latched only during LED pulse.
4. ~ 100 mV p-p swing.
HYSTERESIS (Internal)
(Pin 13) (Pin 14)
DETECT OUT
(Pin 1)
LOW BATTERY
(Internal)
SAMPLE (Internal)
Smoke
HORN
(Pin 10 and 11)
Low = Disable
High = Enable
LED
(Pin 5)
OSCILLATOR
(Pin 12)
Smoke/No Low Battery
Smoke/Low Battery
No Smoke/Low Battery
40 ms
10 ms
1.67 s
Standby
No Smoke/
No Low Battery
24 Clock Cycles (0.96 s)
24 Clock Cycles
(40S)
24 Clock Cycles
6 Clock
Suppressed Chirp
Battery Test
(Note 3)
(Note 3)
(Note 1)
Cycles (10.0 s)
STROBE OUT
(Pin 14)
I/O (Pin 2)
Output (Local)
I/O (Pin 2)
Input (Remote)
LED
Note: Horn Modulation Not Self-Completing
(Suppressed LED for Remote Only)


Similar Part No. - MC14468

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14468 MOTOROLA-MC14468 Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
MC14468P MOTOROLA-MC14468P Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
More results

Similar Description - MC14468

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com