Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8211TK Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC8211TK
Description  SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8211TK Datasheet(HTML) 2 Page - California Eastern Labs

  UPC8211TK_05 Datasheet HTML 1Page - California Eastern Labs UPC8211TK_05 Datasheet HTML 2Page - California Eastern Labs UPC8211TK_05 Datasheet HTML 3Page - California Eastern Labs UPC8211TK_05 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TEST CIRCUITS
UPC8211TK
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
PD
Power Dissipation
mW
232
TA
Operating Ambient
°C
-40 to +85
Temperature
TSTG
Storage Temperature
°C
-55 to +150
PIN
Input Power
dBm
+10
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
TA
Operating Ambient
°C
-25 +25 +85
Temperature
fin
Operating Frequency
MHz
1575
Range
RECOMMENDED
OPERATING CONDITIONS
Notes:
1. Mounted on a double-sided copper-clad 50 x 50 x 1.6 mm epoxy
glass PWB
PIN CONNECTIONS
PIN NO.
PIN NAME
1
INPUT
2
GND
3
PS
4
OUTPUT
5
GND
6
VCC
4
5
6
1
2
3
(Top View)
(Bottom View)
750
0.1 µF
0.1 µF
8.2 nH
4.7 nH
22 nH
4
5
1
2
3
6
Hi: ON
Low: OFF (Power Save)
82 pF
33 pF
1.3 pF
OUT
IN
VPS
VCC


Similar Part No. - UPC8211TK_05

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8211TK-E2 NEC-UPC8211TK-E2 Datasheet
114Kb / 3P
   NECs SiGe LOW NOISE AMPLIFIER FOR GPS/MO BILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8211TK-E2 RENESAS-UPC8211TK-E2 Datasheet
315Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
UPC8211TK-E2-A RENESAS-UPC8211TK-E2-A Datasheet
315Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC8211TK_05

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8215TU CEL-UPC8215TU Datasheet
291Kb / 8P
   SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
NEC
UPC8211TK NEC-UPC8211TK Datasheet
114Kb / 3P
   NECs SiGe LOW NOISE AMPLIFIER FOR GPS/MO BILE COMMUNICATIONS
logo
California Eastern Labs
UPC8233TK CEL-UPC8233TK Datasheet
261Kb / 7P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SiGe:C LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
   Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
   Low Noise Amplifier for GPS
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com