Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33143 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33143
Description  Dual High-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33143 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33143 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33143 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC33143
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 2. Output Response Waveform
VPwr – 3.0 V
50%
2.0 V
VPwr
tdlh
tdhl
tSRf
tSRr
0 V
5.0 V
0 V
IN1–2
OUT1–2
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1, 12
IN1, IN2
INput 1 and INput 2 (IN1 and IN2) respectively determine the state of the corresponding output drivers
(OUT1 and OUT2) under normal operating conditions. When an input is high, it’s corresponding output
is active ON, and when low is disabled OFF. IN1 and IN2 have internal active pull–downs which allow a
floating input pin to be conservatively interpreted as a logic low, turning Off the output. An unused input
should be connected to ground.
2
CEN
Chip Enable (CEN) input pin, when low, disables both outputs (OUT1 and OUT2) and places the device
in a “sleep mode” reducing the bias current required from VDD and VPwr. A falling edge of CEN causes
OUT1 and OUT2 to rapidly turn OFF. A falling edge of CEN should precede any VDD shutdown to allow
time OUT1 and OUT2 to be disabled. When CEN is low, INTerrupt (INT) and STATus 1 and 2 (STAT1–2)
will be tri–stated (high impedance). The CEN pin can also be used for power–on reset and under
voltage lockout to disable the outputs for power supply voltages less than 4.5 V. CEN is a dependent
input from the system microcontroller unit (MCU) or some other integrated circuit. It has an internal
pull–up resistor to VDD affording a floating pin to be interpreted as a logic high. Rpull–up is greater than
50 k
Ω. If used externally, this pin should be connected to VDD.
3, 10
STAT1. STAT2
The STATus pins (STAT1–2) respectively indicate the presence of faults on OUT1–2. STAT1–2 will be
logic high during normal operation. A logic low will occur whenever an Open Load, Short–to–Ground,
Short–to–Supply (Battery), Thermal Limit, or Overvoltage Shutdown fault condition is experienced on a
corresponding output. STAT1–2 are both active low digital drivers. A 10 k
Ω resistor between STAT1–2
and the system CPU may improve a Failure Mode Evaluation Analysis (FMEA) score if STAT1–2 are
externally shorted to VPwr. If unused, this pin should be left connected.
4, 9, 16,
21
VPwr
These pins are connected to the supply and provide load current to the DMOS outputs, are used
pumping the DMOS gates, and for Overvoltage shutdown detection of the DMOS. The DMOS outputs
will turn ON with 5.5 to 24 V applied to VPwr. VPwr is limited to –1.5 V for a maximum duration of
250 ms. A 10 nF de–coupling cap is recommended to be used from VPwr to Ground.
5, 6, 7, 8,
17, 18,
19, 20
Gnd
These eight pins constitute the circuits ground (Gnd) and also provide heatsinking for the DMOS output
transistors. Ground continuity is required for the outputs2 to turn ON.
11
VDD
This pin is to be connected to the 5.0 V logic supply of the system. A 10 nF de–coupling capacitor is
recommended from VDD to Gnd.
13, 24
OUT1, OUT2
These pins are connected internally to the DMOS output transistors which source current into the
corresponding load. Each output incorporates dynamic clamping to accommodate inductive loads. In
addition, each output has independent short to ground detection and protection, current limit detection
and protection, thermal limit detection and protection, ON open load and or short to supply (battery)
detection. Neither output will turn ON if CEN is logic low. An unused output should be connected to a
10 k
Ω load to prevent false fault reporting. A 1.0 nF filter capacitor may be used from OUT to Gnd to
provide dV/dt noise filtering.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
logo
ON Semiconductor
MC33102 ONSEMI-MC33102 Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33102D ONSEMI-MC33102D Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33102P ONSEMI-MC33102P Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
More results

Similar Description - MC33143

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com