Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33143DW Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33143DW
Description  Dual High-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33143DW Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33143DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33143DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC33143
3
MOTOROLA ANALOG IC DEVICE DATA
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V
≤ VPwr ≤ 17 V, 4.5 V ≤ VDD 5.5 V,
–40
°C ≤ TL ≤ 125°C, unless otherwise noted, typical values represent approximate mean at TL = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range (Operational)
VPwr
9.0
17
V
Supply Current (Note 1)
Both Outputs ON
(CEN = IN1 = IN2 = 0.7 x VDD, IO1 = IO2 = –1.0 A)
IPwr
0.1
4.2
7.0
mA
Standby (CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD, RL = 12 Ω)
IPwr(sby)
3.9
7.0
mA
“Sleep State” (CEN = IN1 = IN2 = 0.3 x VDD, RL = 12 Ω)
IPwr(sleep)
0.2
300
µA
Logic Supply Voltage Range
VDD
4.5
5.5
V
Logic Supply Current
IDD
0.43
5.0
Both Outputs ON (IN1 = IN2 = 0.7 x VDD, IO1 = IO2 = –1.0 A)
mA
Overvoltage Shutdown (Note 2)
VPwr(ovsd)
30
33.2
38
V
Overvoltage Shutdown Hysteresis
VPwr(hys)
0.3
0.5
1.5
V
NOTES: 1. Supply current when both outputs are ON and during standby are measured in the Ground pin while during “sleep state” is measured in the VPwr pin.
2. Overvoltage Shutdown causes enabled outputs to be forced OFF; Overvoltage fault is immediately reported.
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V
≤ VPwr ≤ 17 V, 4.5 V ≤ VDD 5.5 V,
–40
°C ≤ TL ≤ 125°C, unless otherwise noted, typical values represent approximate mean at TL = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT
Drain–to–Source ON Resistance (Note 1)
RDS(on)
(TJ = 25°C, CEN = IN1 = IN2 = 0.7 x VDD)
IO = –0.5 A. VPwr = 5.5 V
0.2
0.5
IO = –1.0 A. VPwr = 14 V
0.14
0.2
IO = –2.0 A. VPwr = 24 V
0.14
0.2
Drain–to–Source ON Resistance (Note 1)
RDS(on)
(TJ = 125°C, CEN = IN1 = IN2 = 0.7 x VDD)
IO = –0.5 A. VPwr = 5.5 V
1.0
IO = –1.0 A. VPwr = 14 V
0.38
IO = –2.0 A. VPwr = 24 V
0.38
Output Self–Limiting Current (Note 2)
IO(Lim)
–3.0
–4.1
–6.0
A
(CEN = IN1 = IN2 = SFPD = 0.7 x VDD, RL = 0 Ω)
Output OFF Leakage Current
IO(Lkg)
–5.0
–45
–150
µA
(CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD)
Output OFF Open Load Sense Current
IO(Sense)
–5.0
–45
–150
µA
(CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD)
Output ON Open Load Detection Current (Note 3)
IO(On)
mA
(CEN = IN1 = IN2 = 0.7 x VDD)
TL = –40°C
–2.0
–145
–200
TL = 125°C
–2.0
–181
–200
Output Clamp Voltage (Note 4)
VClamp
V
(CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD)
IO = –20 mA
–9.0
–13.2
–20
IO = –200 mA
–9.0
–13.5
–20
Over Temperature Shutdown Range (Note 5)
TLim
155
185
°C
(CEN = IN1 = IN2 = SFPD = 0.7 x VDD)
Over Temperature Shutdown Hysteresis (Note 6)
TLim(hys)
15
°C
NOTES: 1. RDS(on) applies to OUT1, OUT2 and is independent of output current.
2. Applies to each output; each output has independent self–limiting source current feature; Over Current and Short–to–Ground defined as condition
when output source current exceeds IO(Lim); Device ignores Over Current and Short–to–Ground faults from 0 to tss.
3. Applies to each output; tested for by ramping IO from 0 until STAT ≤ 0.7 x VDD; defined as the condition when IO is outside of IO(on) current window.
4. Applies to each output; each output has independent dynamic output voltage clamping feature.
5. Applies to each output; each output has independent thermal shutdown; parameter is measured by ramping temperature until enabled output is
disabled; parameter is established by design but is not production tested; thermal fault is immediately reported.
6. Parameter is established by design but is not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33143DW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
logo
ON Semiconductor
MC33102 ONSEMI-MC33102 Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33102D ONSEMI-MC33102D Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
MC33102P ONSEMI-MC33102P Datasheet
300Kb / 14P
   DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
More results

Similar Description - MC33143DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com