Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33198EF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCZ33198EF
Description  Automotive High-Side TMOS Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33198EF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33198EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33198EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33198
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
VCC
- 0,6 to 60
V
TMOS Source Voltage
VSRC
- 0,6 to 60
V
Comparator Threshold
VDRN
- 0,6 to 60
V
Gate Output Voltage
VGATE
- 0,6 to 25
V
Input Voltage
VIN
- 0,6 to 25
V
Status
VST
- 0,6 to 10
V
ESD Voltage Capability (1)
VESD
+/-2000
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-40 to +150
°C
THERMAL RESISTANCE
Thermal Resistance J/A
RJ
145
°C
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Similar Part No. - MCZ33198EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199R2 FREESCALE-MCZ33199R2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Similar Description - MCZ33198EF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
   Automotive Quad Low Side Driver
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com