Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33199 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33199
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. TXD to DIA AC Characteristic
Figure 5. DIA to TxD and L to LO AC Characteristics
.
Figure 6. Current Source I1 AC Characteristics
At static HIGH or LOW level TXD, the current source I1 delivers a current of 3mA (typ). Only during LOW to HIGH transition,
does this current increase to a higher value in order to charge the K Line capacitor (Cl<4nF) in a short time.
tBIT
TXD Input
Signal
0V
5V
DIA Output
Signal
10V
2V
tDDR
tDDF
+5V
+12V
REF-OUT
REF-IN-L
REF-IN-K
TxD
I1
DIA
GND
Input
Signal
Test
Point
1nF
VCC VBAT
tBIT
DIA and L
0V
12V
RXD ot LO
Output
4.5V
0.4V
tRDR / tLDR
tRDF / tLDF
Input Signal
Signal
+5V
+12V
REF-OUT
REF-IN-L
REF-IN-K
TXD
L
DIA
GND
Input
Signal
Test
Points
VCC
VBAT
LO
RXD
2K
2x30pF
120mA
40mA
4mA
2mA
Typical I1
Waveform
Current Source I1
Maximum Limit
Current Source I1
Minimum Limit
TXD Signal
0V
5V
tBIT
tI1F
tI1H
tI1R


Similar Part No. - 33199

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
3319 BOURNS-3319 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
logo
Heyco.
3319 HEYCO-3319 Datasheet
75Kb / 1P
   Lockit™ Cable Holders - Arrowhead Mount
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
logo
Bourns Electronic Solut...
3319P-2-103 BOURNS-3319P-2-103 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results

Similar Description - 33199

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com