Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNPO1R5G025T1 Datasheet(PDF) 9 Page - Sharma Electro Components,Inc

Part # SNPO1R5G025T1
Description  Sharma Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SNPO1R5G025T1 Datasheet(HTML) 9 Page - Sharma Electro Components,Inc

Back Button SNPO1R5G025T1 Datasheet HTML 4Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 5Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 6Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 7Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 8Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 9Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 10Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 11Page - Sharma Electro Components,Inc SNPO1R5G025T1 Datasheet HTML 12Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MULTILAYER
CERAMIC LEADED
CAPACITORS
Introduction:
Axial Epoxy coated multilayer ceramic capacitors available in popular
COG(NPO),
X7R and Z5U dielectrics.
Ideal for industrial and general purpose electronics
applications. These capacitors are available in both Bulk and Tape & Reel packing for
automatic insertion.
Series Specifications:
NPO
X7R
Z5U
Temperature Range in °C:
-55 to +125
-55 to +125
+10 to +85
Dissipation Factor % @25°C & 1KHz:
0.25 max
2.5 max
3.0 max
Insulation Resistance
@ 25°C :
1 G Ohm or 1 G Ohm or
1 G Ohm or
(minimum of)
100 Ohm F
100 Ohm F
100 Ohm F
L
25.4mm min.
(1.0" min.
0.5mm
(0.02")
Axial Leaded SERIES
Rated Voltage
Dielectric
Temperature
Capacitance
Dimensions
V DC
Coefficient
Range pF
Tolerance
L max.
D max.
50
COG (NPO)
±30 ppm
/
°C
10 to 750
J( ±5%), K( ±10%)
5.0 mm
3.0 mm
0.200"
0.120"
Rated Voltage
Dielectric
Temperature
Capacitance
Dimensions
V DC
Coefficient
Range pF
Tolerance
L max.
D max.
50
X7R
±15%
560 to 15000
K( ±10%), M( ±20%)
5.0 mm
3.0 mm
0.200"
0.120"
Rated Voltage
Dielectric
Temperature
Capacitance
Dimensions
V DC
Coefficient
Range pF
Tolerance
L max.
D max.
50
Z5U
+22 to -56%
1000 to100000
M( ±20%)
5.0 mm
3.0 mm
Z(-20 to +80%)
0.200"
0.120"
Axial Series ANPO
Axial Series AZ5U
Axial Series AX7R
PART NUMBERING
Tol Code:
J-
5%
K-
10%
M -
20%
Z - -20 +80%
Cap Value:
3 Digit EIA Code
Packaging:
T - Tape
B- Bulk
Series:
ANPO, AX7R, AZ5U
Voltage Code:
050 - 50VDC
100 - 100VDC
Lead Style:
X- Axial
Sharma Ceramic Capacitors
Page 9
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - SNPO1R5G025T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO1R5C050B0 SHARMA-SNPO1R5C050B0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B1 SHARMA-SNPO1R5C050B1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050B2 SHARMA-SNPO1R5C050B2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T0 SHARMA-SNPO1R5C050T0 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
SNPO1R5C050T1 SHARMA-SNPO1R5C050T1 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
More results

Similar Description - SNPO1R5G025T1

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SCY1 SHARMA-SCY1 Datasheet
536Kb / 3P
   Sharma Ceramic Capacitors
SMT SHARMA-SMT Datasheet
857Kb / 6P
   Sharma Multilayer Ceramic Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKTD05 SHARMA-MKTD05 Datasheet
315Kb / 4P
   Sharma Film Capacitors
TDA SHARMA-TDA Datasheet
447Kb / 2P
   Sharma Tantalum Capacitors
WIW1012 SHARMA-WIW1012 Datasheet
702Kb / 1P
   Sharma Potentiometers
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
   Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com