Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33390EF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33390EF
Description  Class B Serial Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33390EF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33390EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33390EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33390
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 7.0 V
≤ V
BAT ≤ 16 V, -40°C ≤ TA ≤ 125°C, SLEEP = 5.0 V unless otherwise noted.
Typical values reflect the parameter's approximate midpoint average value with VBAT = 13 V, TA = 25°C. All positive currents are
into the pin. All negative currents are out of the pin.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER CONSUMPTION
Operational Battery Current (RMS with Tx = 7.812 kHz Square Wave)
BUS Load = 1380
Ω to GND, 3.6 nF to GND
BUS Load = 257
Ω to GND, 20.2 nF to GND
IBAT(OP1)
IBAT(OP2)
3.0
22.4
11.5
32
mA
Battery Bus Low Input Current
After SLEEP Toggle Low to High; Prior to Tx Toggling
After Tx Toggle High to Low
IBAT(BUS L1)
IBAT(BUS L2)
1.1
6.4
3.0
8.5
mA
Sleep State Battery Current
VSLEEP = 0 V
IBAT(SLEEP)
38.2
65
µA
BUS
BUS Input Receiver Threshold (6)
Threshold High (Bus Increasing until Rx
≥ 3.0 V)
Threshold Low (Bus Decreasing until Rx
≤ 3.0 V)
Threshold in Sleep State (SLEEP = 0 V)
Hysteresis (VBUS(IH) - VBUS(IL), SLEEP = 0 V)
VBUS(IH)
VBUS(IL)
BUSTH(SLEEP)
VBUS(HYST)
4.25
2.4
0.1
3.9
3.7
3.0
0.2
3.5
3.4
0.6
V
BUS-Out Voltage (257
Ω ≤ R
BUS(L) to GND ≤ 1380 Ω)
8.2 V
≤ V
BAT ≤ 16 V, Tx = 5.0 V
4.25 V
≤ V
BAT ≤ 8.2 V, Tx = 5.0 V
Tx = 0 V
VBUS(OUT1)
VBUS(OUT2)
VBUS(OUT3)
6.25
VBAT - 1.6
6.9
0.27
8.0
VBAT
0.7
V
BUS Short Circuit Output Current
Tx = 5.0 V, -2.0 V
≤ V
BUS ≤ 4.8 V
IBUS(SHORT)
60
129
170
mA
BUS Leakage Current
-2.0 V
≤ V
BUS ≤ 0 V
0 V
≤ V
BUS ≤ VBAT
IBUS(LEAK1)
IBUS(LEAK2)
-500
-55
189
500
µA
BUS Thermal Shutdown (7) (Tx = 5.0 V, IBUS = -0.1 mA)
Increase Temperature until VBUS ≤ 2.5 V
TBUS(LIM)
150
170
190
°C
BUS Thermal Shutdown Hysteresis (8)
TBUS(LIM) - TBUS(REEN)
TBUS(LIMHYS)
10
12
15
°C
BUS and LOAD Current with Loss of VBAT or GND (IBAT = 0 µA) (see
Figure 4)
-18 V
≤ V
BUS ≤ 9.0 V
-18 V
≤ V
LOAD ≤ 9.0 V
IBUS (LOSS)
ILOAD (LOSS)
0.00
0.00
0.1
0.1
mA
Notes
6.
Typical threshold value is the approximate actual occurring switch point value with VBAT = 13 V, TA = 25°C.
7.
Device characterized but not production tested for thermal shutdown.
8.
Device characterized but not production tested for thermal shutdown hysteresis.


Similar Part No. - MCZ33390EF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33395EW FREESCALE-MCZ33395EW Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
MCZ33395EWR2 FREESCALE-MCZ33395EWR2 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
MCZ33399EF FREESCALE-MCZ33399EF Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
MCZ33399EFR2 FREESCALE-MCZ33399EFR2 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
More results

Similar Description - MCZ33390EF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
   Class B/F available
logo
ORION FANS
OAB400 ORIONFANS-OAB400 Datasheet
113Kb / 1P
   Centrifugal Fan - Class B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com