Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH32S64PFJ-6 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH32S64PFJ-6
Description  2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S64PFJ-6 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH32S64PFJ-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S64PFJ-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH32S64PFJ -6, -6L -7,-7L
2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
26.Apr.2001
Preliminary Spec.
Some contents are subject to change without
notice.
MIT-DS-0337-0.2
5
Serial Presence Detect Table II
31
Density of each bank on module
128MByte
20
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
63
Checksum for bytes 0-62
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
128+
Unused storage locations
open
00
32
Command and Address signal input setup time
2ns
20
20
33
Command and Address signal input hold time
1ns
10
34
Data signal input setup time
2ns
35
Data signal input hold time
1ns
10
rev 1.2B
12
Check sum for -7
21
MH32S64PFJ-7
4D48333253363450464A2D37202020202020
-6,-7
CF
CL=2/3,AP,CK0,1
MH32S64PFJ-7L
4D48333253363450464A2D374C2020202020
The -6, -7 indicate also -6L, -7L.
Check sum for -6
BA
MH32S64PFJ-6
4D48333253363450464A2D36202020202020
MH32S64PFJ-6L
4D48333253363450464A2D364C2020202020
1.5ns
15
0.8ns
08
1.5ns
15
0.8ns
08
-7
-6
-7
-6
-7
-6
-7
-6


Similar Part No. - MH32S64PFJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64PHB-10 MITSUBISHI-MH32S64PHB-10 Datasheet
593Kb / 55P
   214683648-BIT (3354432- WORD BY 64-BIT)SynchronousDRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH32S64PHB-7 MITSUBISHI-MH32S64PHB-7 Datasheet
593Kb / 55P
   214683648-BIT (3354432- WORD BY 64-BIT)SynchronousDRAM
MH32S64PHB-8 MITSUBISHI-MH32S64PHB-8 Datasheet
593Kb / 55P
   214683648-BIT (3354432- WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH32S64PFJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64APFB-7 MITSUBISHI-MH32S64APFB-7 Datasheet
700Kb / 55P
   2147483648-BIT (33554432 - WORD BY 64-BIT)SynchronousDRAM
MH32S72PHB-7 MITSUBISHI-MH32S72PHB-7 Datasheet
595Kb / 55P
   2415919104-BIT (33554432 - WORD BY 72-BIT)SynchronousDRAM
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com