Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2015TB-E3-A Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPG2015TB-E3-A
Description  1W SINGLE CONTROL L, S-BAND SPDT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2015TB-E3-A Datasheet(HTML) 9 Page - California Eastern Labs

Back Button UPG2015TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 8Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 9Page - California Eastern Labs UPG2015TB-E3-A Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UPG2015TB
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. For soldering methods and
conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220°C or higher
: 60 seconds or less
Preheating time at 120 to 180°C
: 120±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
VPS
Peak temperature (package surface temperature)
: 215°C or below
Time at temperature of 200°C or higher
: 25 to 40 seconds
Preheating time at 120 to 150°C
: 30 to 60 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
VP215
Wave Soldering
Peak temperature (molten solder temperature)
: 260°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120°C or below
Maximum number of flow processes
: 1 time
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (pin temperature)
: 350°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/19/2004


Similar Part No. - UPG2015TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2015TB-E3 NEC-UPG2015TB-E3 Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2015TB-E3 NEC-UPG2015TB-E3 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2015TB-E3 RENESAS-UPG2015TB-E3 Datasheet
217Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
More results

Similar Description - UPG2015TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
NEC
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
   W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2012TK NEC-UPG2012TK Datasheet
306Kb / 7P
   NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com