Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2035T5F Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPG2035T5F
Description  BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPG2035T5F Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPG2035T5F Datasheet HTML 4Page - California Eastern Labs UPG2035T5F Datasheet HTML 5Page - California Eastern Labs UPG2035T5F Datasheet HTML 6Page - California Eastern Labs UPG2035T5F Datasheet HTML 7Page - California Eastern Labs UPG2035T5F Datasheet HTML 8Page - California Eastern Labs UPG2035T5F Datasheet HTML 9Page - California Eastern Labs UPG2035T5F Datasheet HTML 10Page - California Eastern Labs UPG2035T5F Datasheet HTML 11Page - California Eastern Labs UPG2035T5F Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UPG2035T5F
3.0
0.75±0.1
(Bottom View)
0.5
1.0
0.9
0.4
Dimensions of pin No.1 indication
0.4±0.1
0.24+0.07
-0.05
1.55±0.1
0.4±0.1
PACKAGE DIMENSIONS
12-PIN QFN (UNIT:mm)


Similar Part No. - UPG2035T5F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2035T5F RENESAS-UPG2035T5F Datasheet
270Kb / 15P
   GaAs INTEGRATED CIRCUIT
2005
UPG2035T5F-E2 RENESAS-UPG2035T5F-E2 Datasheet
270Kb / 15P
   GaAs INTEGRATED CIRCUIT
2005
UPG2035T5F-E2-A RENESAS-UPG2035T5F-E2-A Datasheet
270Kb / 15P
   GaAs INTEGRATED CIRCUIT
2005
More results

Similar Description - UPG2035T5F

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_09 Datasheet
192Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G Datasheet
187Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
   Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
MASW-008206-000DIE MA-COM-MASW-008206-000DIE_15 Datasheet
613Kb / 6P
   GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
MASW-008206-000DIE MA-COM-MASW-008206-000DIE Datasheet
94Kb / 5P
   GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
logo
Tyco Electronics
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
   GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com